Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3521 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3521
Description  LDO Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3521 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3521 Datasheet HTML 2Page - ON Semiconductor NCP3521 Datasheet HTML 3Page - ON Semiconductor NCP3521 Datasheet HTML 4Page - ON Semiconductor NCP3521 Datasheet HTML 5Page - ON Semiconductor NCP3521 Datasheet HTML 6Page - ON Semiconductor NCP3521 Datasheet HTML 7Page - ON Semiconductor NCP3521 Datasheet HTML 8Page - ON Semiconductor NCP3521 Datasheet HTML 9Page - ON Semiconductor NCP3521 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP3520/NCP3521
http://onsemi.com
6
Figure 9. Ripple Rejection versus Frequency
(VCC = 5.0 V, ILOAD = 3.0 A)
0
100
200
300
400
500
600
8.0 9.0 10 11 12 13 14 15 16 17 18 19 20
NRCS CAPACITOR (nF)
Figure 10. NRCS Time versus NRCS Capacitor
(NCP3520)
Figure 11. Load Transient Response (10 mA to
1.3 A) Channel 1 (VO), Channel 2 (Switch Control)
Figure 12. Load Transient Response (1.3 A to
10 mA) Channel 1 (VO), Channel 2 (Switch Control)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
10
100
1 k
10 k
100 k
Control
Signal
VO
Control
Signal
VO


Similar Part No. - NCP3521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP3521

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5158YM MICREL-MIC5158YM Datasheet
277Kb / 13P
   Super LDO Regulator Controller
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159 MICREL-MIC5159_06 Datasheet
476Kb / 23P
   Programmable Current Limit 關Cap LDO Regulator Controller
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com