Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3521 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3521
Description  LDO Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3521 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3521 Datasheet HTML 2Page - ON Semiconductor NCP3521 Datasheet HTML 3Page - ON Semiconductor NCP3521 Datasheet HTML 4Page - ON Semiconductor NCP3521 Datasheet HTML 5Page - ON Semiconductor NCP3521 Datasheet HTML 6Page - ON Semiconductor NCP3521 Datasheet HTML 7Page - ON Semiconductor NCP3521 Datasheet HTML 8Page - ON Semiconductor NCP3521 Datasheet HTML 9Page - ON Semiconductor NCP3521 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP3520/NCP3521
http://onsemi.com
7
DETAILED OPERATING DESCRIPTION
General
The NCP3520/NCP3521 are LDO Regulator Controllers.
An external NFET device sets the current capability
allowing for designer selection.
Features include an undervoltage lockout for both the
integrated circuit supply Pin VCC, and the supply pin for the
external FET connection to the drain of the FET.
The NRCS (Non Rush Current on Startup) feature
prevents high currents through the external FET
(drain−source). The external capacitor setting component
used in NRCS is also used for short circuit protection (SCP).
The device also has an enable feature allowing it to go into
a low supply current sleep mode demanded by most modern
day feature rich systems when not in use.
Thermal shutdown functionality protects the IC from
damage caused from excessively high temperatures
appearing on the IC.
Output Driver
Output current drive capability is determined by the
designer’s choice of external MOSFET (NFET). Power
dissipated in the driver can be controlled by the voltage
applied to VD. VD should be kept low to minimize power
dissipation and high enough to support regulated operation
at the desired output current. It should also be noted the
output capacitor (VO to GND) value supports regulation
during high speed transient events until the system loop can
respond to any voltage dips to drive the external FET.
High Speed Control
Unlike most linear regulators whose reaction to
overvoltage events is to turn off the upper driver and let the
external load and resistor feedback network quench the
incident, the NCP3520/21 include a 1.2 mA pulldown
through the VS Pin. This keeps overshoot to a minimum
during powerup. During turn−off and thermal overload, the
pulldown current is increased from 1.2 mA to 220 mA to
provide an even faster turn−off time.
Power On Reset
A 50
ms power on reset circuit is built into the IC acting as
a digital filter and performing housekeeping activity during
a short circuit event.
The timer effects three areas of operation.
1. EN turn on delay. Upon detection of an EN high,
there is a 50
ms delay to when the internal circuitry
turns on and the gate pin (G) goes high. A low on
EN resets the timer.
2. VCC startup delay. If VCC drops out below the
undervoltage lockout voltage and restored above
its hysteresis value, a 50
ms time is also observed
from reinitiation of VCC and G going high. This is
recognized to be different from the EN turn on
delay by the active circuitry of the voltage
reference, NRCS circuitry, and VS high current
pulldown.
3. Device startup into a short circuit. Further details
are available on this subject under the heading
“Starting Up Into A Short Circuit”.
Normal Powerup/Down
The NRCS (Non Rush Current on Startup) timer controls
the output driver during powerup. The output driver voltage
(VG) is controlled during powerup. The voltage on NRCS is
mimicked to provide a duplicate voltage on VFB. When
1.2 V is reached normal operation of the error amplifier and
feedback network take over. Regulation is maintained in the
loop around 1.2 V. The NRCS pin rises up to 1 V. At 1 V, the
NRCS capacitor is discharged fully at a 300
mA (min) rate.
The IC enters a standby mode capable of short circuit
detection.
A 20
mA pullup current source is used to charge the
external NRCS capacitor linearly and maintain a predictable
powerup. A recommended 0.01
mF will provide a 325 ms
powerup time. Alternative times can be programmed with
this equation:
T + C(NRCS) * VFB INRCS
(eq. 1)
Rush current during startup can be calculated by
I = COUT * VO / T.
The NRCS circuit is not active during powerdown.
Normal circuit operation will be maintained unless
VCC_UVLO or VD_UVLO cause the gate drive output to
turn off.
NRCS
1.0 V
VS / VFB
1.2 V
EN
3 V
0.65 V
Figure 13. Powerup (NCP3520 (1.2 V) Version Shown)
A standby mode for
short circuit is
entered here.
Error amplifier
takes control here.
50 ms


Similar Part No. - NCP3521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP3521

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5158YM MICREL-MIC5158YM Datasheet
277Kb / 13P
   Super LDO Regulator Controller
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159 MICREL-MIC5159_06 Datasheet
476Kb / 23P
   Programmable Current Limit 關Cap LDO Regulator Controller
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com