Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS53-12JC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LS53-12JC
Description  8-Bit Microcontroller with 12K Bytes Flash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12JC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LS53-12JC Datasheet HTML 5Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 6Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 7Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 8Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 11Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 12Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
AT89LS53
0851C–MICRO–3/06
Data Memory - RAM
The AT89LS53 implements 256 bytes of RAM. The upper
128 bytes of RAM occupy a parallel space to the Special
Function Registers. That means the upper 128 bytes have
the same addresses as the SFR space but are physically
separate from SFR space.
When an instruction accesses an internal location above
address 7FH, the address mode used in the instruction
specifies whether the CPU accesses the upper 128 bytes
of RAM or the SFR space. Instructions that use direct
addressing access SFR space.
For example, the following direct addressing instruction
accesses the SFR at location 0A0H (which is P2).
MOV 0A0H, #data
Instructions that use indirect addressing access the upper
128 bytes of RAM. For example, the following indirect
addressing instruction, where R0 contains 0A0H, accesses
the data byte at address 0A0H, rather than P2 (whose
address is 0A0H).
MOV @R0, #data
Note that stack operations are examples of indirect
addressing, so the upper 128 bytes of data RAM are avail-
able as stack space.
Programmable Watchdog Timer
The programmable Watchdog Timer (WDT) operates from
an independent oscillator. The prescaler bits, PS0, PS1
and PS2 in SFR WCON are used to set the period of the
Watchdog Timer from 16 ms to 2048 ms. The available
timer periods are shown in the following table and the
actual timer periods (at VCC = 5V) are within ±30% of the
nominal.
The WDT is disabled by Power-on Reset and during Power
Down. It is enabled by setting the WDTEN bit in SFR
WCON (address = 96H). The WDT is reset by setting the
WDTRST bit in WCON. When the WDT times out without
being reset or disabled, an internal RST pulse is generated
to reset the CPU.
Table 7. Watchdog Timer Period Selection
WDT Prescaler Bits
Period (nominal)
PS2
PS1
PS0
0
0
0
16 ms
0
0
1
32 ms
0
1
0
64 ms
0
1
1
128 ms
1
0
0
256 ms
1
0
1
512 ms
1
1
0
1024 ms
1
1
1
2048 ms
Table 6. SPDR—SPI Data Register
SPDR Address = 86H
Reset Value = unchanged
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Bit
76543210


Similar Part No. - AT89LS53-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS53-12JC ATMEL-AT89LS53-12JC Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89LS53-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com