Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51-24QI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89C51-24QI
Description  8-bit Microcontroller with 4K Bytes Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51-24QI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89C51-24QI Datasheet HTML 5Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 6Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 7Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 8Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 9Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 10Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 11Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 12Page - ATMEL Corporation AT89C51-24QI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AT89C51
9
Note:
1. Only used in 12-volt programming mode.
Flash Programming and Verification Characteristics
T
A = 0°C to 70°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
(1)
Programming Enable Voltage
11.5
12.5
V
I
PP
(1)
Programming Enable Current
1.0
mA
1/t
CLCL
Oscillator Frequency
324
MHz
t
AVGL
Address Setup to PROG Low
48t
CLCL
t
GHAX
Address Hold after PROG
48t
CLCL
t
DVGL
Data Setup to PROG Low
48t
CLCL
t
GHDX
Data Hold after PROG
48tCLCL
t
EHSH
P2.7 (ENABLE) High to V
PP
48tCLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
t
GHSL
(1)
V
PP Hold after PROG
10
µs
t
GLGH
PROG Width
1
110
µs
t
AVQV
Address to Data Valid
48tCLCL
t
ELQV
ENABLE Low to Data Valid
48tCLCL
t
EHQZ
Data Float after ENABLE
0
48t
CLCL
tGHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
2.0
ms


Similar Part No. - AT89C51-24QI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51-24QI ATMEL-AT89C51-24QI Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C51-24QI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com