Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C08A-10PU-2.7 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C08A-10PU-2.7
Description  Two-wire Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08A-10PU-2.7 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C08A-10PU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 12Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 13Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 14Page - ATMEL Corporation AT24C08A-10PU-2.7 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
AT24C01A/02/04/08A/16A
0180Z–SEEPR–11/06
Figure 7. Device Address
Figure 8. Byte Write
Figure 9. Page Write
(* = DON’T CARE bit for 1K)
8K
16K
MSB


Similar Part No. - AT24C08A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08A-10PU-2.7 ATMEL-AT24C08A-10PU-2.7 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C08A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com