Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4300ADG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4300ADG
Description  Dual Operational Amplifier and Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4300ADG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4300ADG Datasheet HTML 1Page - ON Semiconductor NCP4300ADG Datasheet HTML 2Page - ON Semiconductor NCP4300ADG Datasheet HTML 3Page - ON Semiconductor NCP4300ADG Datasheet HTML 4Page - ON Semiconductor NCP4300ADG Datasheet HTML 5Page - ON Semiconductor NCP4300ADG Datasheet HTML 6Page - ON Semiconductor NCP4300ADG Datasheet HTML 7Page - ON Semiconductor NCP4300ADG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 3
1
Publication Order Number:
NCP4300A/D
NCP4300A
Dual Operational Amplifier
and Voltage Reference
The NCP4300A is a monolithic integrated circuit specifically
designed to control the output current and voltage levels of switch
mode battery chargers and power supplies. This device contains a
precision 2.6 V shunt reference and two operational amplifiers.
Op−Amp 1 is designed to perform voltage control and has its
non−inverting input internally connected to the reference. Op−Amp 2
is designed for current control and has both inputs uncommitted. The
NCP4300A offers the power converter designer a control solution that
features increased precision with a corresponding reduction in system
complexity and cost. This device is available in an 8−lead surface
mount package.
Features
Pb−Free Packages are Available
Operational Amplifier
Low Input Offset Voltage: 0.5 mV
Input Common Mode Voltage Range Includes Ground
Low Supply Current: 210 mA/Op−Amp (@V
CC = 5.0 V)
Medium Unity Gain Bandwidth: 0.7 MHz
Large Output Voltage Swing: 0 V to V
CC − 1.5 V
Wide Power Supply Voltage Range: 3.0 V to 35 V
Voltage Reference
Fixed Output Voltage Reference: 2.60 V
High Precision Over Temperature: 1.0%
Wide Sink Current Range: 80 mA to 80 mA
Typical Applications
Battery Charger
Switch Mode Power Supply
Figure 1. Functional Block Diagram
+
Output 1
Inputs 1
VCC
Output 2
GND
+
1
2
3
4
7
6
5
8
Inputs 2
2.6 V
http://onsemi.com
MARKING
DIAGRAM
SOIC−8
D SUFFIX
CASE 751
1
8
PIN CONNECTIONS
18
7
6
5
2
3
4
(Top View)
Out 1
In 1−
In 1+
VCC
Out 2
In 2+
In 2−
GND
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
A = Option Code
Device
Package
Shipping
ORDERING INFORMATION
NCP4300ADR2
SOIC−8
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
N4300
ALYWA
G
1
8
NCP4300AD
SOIC−8
98 Units / Rail
NCP4300ADR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
NCP4300ADG
SOIC−8
(Pb−Free)
98 Units / Rail


Similar Part No. - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results

Similar Description - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com