Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4300ADG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4300ADG
Description  Dual Operational Amplifier and Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4300ADG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4300ADG Datasheet HTML 1Page - ON Semiconductor NCP4300ADG Datasheet HTML 2Page - ON Semiconductor NCP4300ADG Datasheet HTML 3Page - ON Semiconductor NCP4300ADG Datasheet HTML 4Page - ON Semiconductor NCP4300ADG Datasheet HTML 5Page - ON Semiconductor NCP4300ADG Datasheet HTML 6Page - ON Semiconductor NCP4300ADG Datasheet HTML 7Page - ON Semiconductor NCP4300ADG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP4300A
http://onsemi.com
4
0
−5.0
−15
−10
−20
−25
2.600
2.610
2.590
2.580
2.620
−1.0
60
2.0
1.0
0
−20
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Reference Cathode Current
vs. Cathode Voltage
Figure 3. Reference Voltage
vs. Ambient Temperature
0
0.4
0.35
50
0.3
0.25
0.2
100
Figure 4. Reference Dynamic Impedance
vs. Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Reference Stability
vs. Load Capacitance
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Input Offset Voltage
vs. Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
080
60
40
20
100
0
40
100
080
60
40
100
20
0.5
−0.5
−1.0
1.0
IK = 10 mA
VKA, CATHODE VOLTAGE (V)
0
20
40
3.0
20
80
60
VCC = 5.0 V
VCC = 5.0 V
Op−Amp 1
TA = 25°C
IK = 1.0 mA to 60 mA
0
Figure 7. Input Bias Current
vs. Ambient Temperature
4.0
6.0
2.0
0
10
CL, LOAD CAPACITANCE
100 pF
1000 pF
1.0
mF
10
mF
100
mF
8.0
Unstable
Stable
TA = 25°C
Op−Amp 2
Op−Amp 1
Op−Amp 2
Stable


Similar Part No. - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results

Similar Description - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com