Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV118X-40 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYV118X-40
Description  Rectifier diodes Schottky barrier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV118X-40 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYV118X-40 Datasheet HTML 1Page - NXP Semiconductors BYV118X-40 Datasheet HTML 2Page - NXP Semiconductors BYV118X-40 Datasheet HTML 3Page - NXP Semiconductors BYV118X-40 Datasheet HTML 4Page - NXP Semiconductors BYV118X-40 Datasheet HTML 5Page - NXP Semiconductors BYV118X-40 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV118F, BYV118X series
Schottky barrier
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
isol
Peak isolation voltage from
SOT186 package; R.H.
≤ 65%; clean and
-
-
1500
V
all terminals to external
dustfree
heatsink
V
isol
R.M.S. isolation voltage from SOT186A package; f = 50-60 Hz;
-
-
2500
V
all terminals to external
sinusoidal waveform; R.H.
≤ 65%; clean
heatsink
and dustfree
C
isol
Capacitance from pin 2 to
f = 1 MHz
-
10
-
pF
external heatsink
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-hs
Thermal resistance junction
per diode
-
-
6.5
K/W
to heatsink
both diodes
-
-
5.5
K/W
(with heatsink compound)
R
th j-a
Thermal resistance junction
in free air
-
55
-
K/W
to ambient
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 5 A; Tj = 125˚C
-
0.52
0.6
V
I
F = 10 A
-
0.72
0.87
V
I
R
Reverse current
V
R = VRWM
-
0.06
0.5
mA
V
R = VRWM; Tj = 100˚C
-
6
15
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
155
-
pF
May 1998
2
Rev 1.100


Similar Part No. - BYV118X-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV118 PHILIPS-BYV118 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-35 PHILIPS-BYV118-35 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-40 PHILIPS-BYV118-40 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-45 PHILIPS-BYV118-45 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118B PHILIPS-BYV118B Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
More results

Similar Description - BYV118X-40

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com