Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66-10PI-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT93C66-10PI-1.8
Description  Three-wire Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66-10PI-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT93C66-10PI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C66-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
AT93C46/56/66
0172Z–SEEPR–9/05
Note:
1. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from T
AI = −40°C to + 85°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
fSK
SK Clock
Frequency
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
0
0
0
2
1
0.25
MHz
tSKH
SK High Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
tSKL
SK Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
tCS
Minimum CS
Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
tCSS
CS Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
50
50
200
ns
tDIS
DI Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
400
ns
t
CSH
CS Hold Time
Relative to SK
0
ns
t
DIH
DI Hold Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
400
ns
t
PD1
Output Delay to
“1”
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
t
PD0
Output Delay to
“0”
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
t
SV
CS to Status
Valid
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
1000
ns
t
DF
CS to DO in High
Impedance
AC Test
CS = VIL
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
400
ns
t
WP
Write Cycle Time
10
ms
4.5V
≤ V
CC ≤ 5.5V
0.1
3
ms
Endurance(1)
5.0V, 25°C
1M
Write Cycles


Similar Part No. - AT93C66-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66-10PI-1.8 ATMEL-AT93C66-10PI-1.8 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
More results

Similar Description - AT93C66-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com