Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5010 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5010
Description  500 mW Boost Converter for White LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5010 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5010_06 Datasheet HTML 1Page - ON Semiconductor NCP5010_06 Datasheet HTML 2Page - ON Semiconductor NCP5010_06 Datasheet HTML 3Page - ON Semiconductor NCP5010_06 Datasheet HTML 4Page - ON Semiconductor NCP5010_06 Datasheet HTML 5Page - ON Semiconductor NCP5010_06 Datasheet HTML 6Page - ON Semiconductor NCP5010_06 Datasheet HTML 7Page - ON Semiconductor NCP5010_06 Datasheet HTML 8Page - ON Semiconductor NCP5010_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP5010
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Note 2)
VIN
7.0
V
Over Voltage Protection
VOUT
24
V
Human Body Model (HBM) ESD Rating (Note 3)
ESD HBM
2000
V
Machine Model (MM) ESD Rating (Note 3)
ESD MM
200
V
Digital Input Voltage
Digital Input Current
CTRL
−0.3 < VIN < Vbat+0.3
1.0
V
mA
Power Dissipation @ TA = +85 °C
PD
150
mW
Thermal Resistance Junction−to−Air
8−Pin Flip−Chip Package
RqJA
(Note 6)
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = 25°C.
2. According to JEDEC standard JESD22−A108B.
3. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM)
±2.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM)
±200 V per JEDEC standard: JESD22−A115 for all pins.
4. Latchup Current Maximum Rating:
±100 mA per JEDEC standard: JESD78.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
6. For the 8−Pin Flip−Chip CSP Package, the RqJA is highly dependent on the PCB Heatsink area. For example RqJA can be to 195°C/W with
50 mm total area and also 135
°C/W with 500 mm. All the bumps have the same thermal resistance and need to be connected thereby optimizing
the power dissipation.


Similar Part No. - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010FCT1G ONSEMI-NCP5010FCT1G Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
More results

Similar Description - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
List of Unclassifed Man...
AAT1500 ETC1-AAT1500 Datasheet
570Kb / 11P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
PCA ELECTRONICS INC.
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
   500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
   500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com