Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02U3-10UU-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT34C02U3-10UU-1.8
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02U3-10UU-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT34C02U3-10UU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 11Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 12Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 13Page - ATMEL Corporation AT34C02U3-10UU-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
AT34C02
0958Q–SEEPR–1/07
Write Protection
The software write protection, once enabled, permanently write protects only the first-
half of the array (00H - 7FH) while the hardware write protection, via the WP pin, is used
to protect the entire array.
SOFTWARE WRITE PROTECTION: The software write protection is enabled by send-
ing a command, similar to a normal write command, to the device which programs the
write protect register. This must be done with the WP pin low. The write protect register
is programmed by sending a write command with the device address of 0110 instead of
1010 with the address and data bit being don’t cares (see Figure 7 on page 11). Once
the software write protection has been enabled, the device will no longer acknowledge
the 0110 control byte. The software write protection cannot be reversed even if the
device is powered down. The write cycle time must be observed.
HARDWARE WRITE PROTECTION: The WP pin can be connected to VCC, GND, or
left floating. Connecting the WP pin to VCC will write protect the entire array, regardless
of whether or not the software write protection has been enabled. The software write
protection register cannot be programmed when the WP pin is connected to VCC. If the
WP pin is connected to GND or left floating, the write protection mode is determined by
the status of the software write protect register.


Similar Part No. - AT34C02U3-10UU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI ATMEL-AT34C02-10PI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02U3-10UU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com