Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02N-10SE-2.7 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT34C02N-10SE-2.7
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02N-10SE-2.7 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT34C02N-10SE-2.7 Datasheet HTML 3Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 4Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 5Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 9Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 10Page - ATMEL Corporation AT34C02N-10SE-2.7 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
AT34C02
0958Q–SEEPR–1/07
Figure 2. Bus Timing SCL: Serial Clock SDA: Serial Data I/O
Figure 3. Write Cycle Timing SCL: Serial Clock SDA: Serial Data I/O
Note:
1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
Figure 4. Data Validity
twr
(1)
STOP
CONDITION
START
CONDITION
WORDn
ACK
8th BIT
SCL
SDA


Similar Part No. - AT34C02N-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02N-10SC ATMEL-AT34C02N-10SC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SC-1.8 ATMEL-AT34C02N-10SC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SC-2.7 ATMEL-AT34C02N-10SC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SI ATMEL-AT34C02N-10SI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SI-1.8 ATMEL-AT34C02N-10SI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02N-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com