Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051-24SC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89C4051-24SC
Description  8-bit Microcontroller with 4K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051-24SC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89C4051-24SC Datasheet HTML 1Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 2Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 3Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 4Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 5Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 6Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 7Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 8Page - ATMEL Corporation AT89C4051-24SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
1001E–MICRO–6/05
AT89C4051
6.
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in
the Table 6-1.
Note that not all of the addresses are occupied, and unoccupied addresses may not be imple-
mented on the chip. Read accesses to these addresses will in general return random data, and
write accesses will have an indeterminate effect.
User software should not write 1s to these unlisted locations, since they may be used in future
products to invoke new features. In that case, the reset or inactive values of the new bits will
always be 0.
Table 6-1.
AT89C4051 SFR Map and Reset Values
0F8H
0FFH
0F0H
B
00000000
0F7H
0E8H
0EFH
0E0H
ACC
00000000
0E7H
0D8H
0DFH
0D0H
PSW
00000000
0D7H
0C8H
0CFH
0C0H
0C7H
0B8H
IP
XXX00000
0BFH
0B0H
P3
11111111
0B7H
0A8H
IE
0XX00000
0AFH
0A0H
0A7H
98H
SCON
00000000
SBUF
XXXXXXXX
9FH
90H
P1
11111111
97H
88H
TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
8FH
80H
SP
00000111
DPL
00000000
DPH
00000000
PCON
0XXX0000
87H


Similar Part No. - AT89C4051-24SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-24SC ATMEL-AT89C4051-24SC Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-24SC ATMEL-AT89C4051-24SC Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051-24SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com