Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051-24PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C4051-24PI
Description  8-bit Microcontroller with 4K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051-24PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C4051-24PI Datasheet HTML 4Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 5Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 6Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 7Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 8Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 9Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 10Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 11Page - ATMEL Corporation AT89C4051-24PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
1001E–MICRO–6/05
AT89C4051
12. Programming The Flash
The AT89C4051 is shipped with the 4K bytes of on-chip PEROM code memory array in the
erased state (i.e., contents = FFH) and ready to be programmed. The code memory array is pro-
grammed one byte at a time. Once the array is programmed, to re-program any non-blank byte,
the entire memory array needs to be erased electrically.
Internal Address Counter: The AT89C4051 contains an internal PEROM address counter
which is always reset to 000H on the rising edge of RST and is advanced by applying a positive
going pulse to pin XTAL1.
Programming Algorithm: To program the AT89C4051, the following sequence is
recommended.
1.
Power-up sequence:
Apply power between VCC and GND pins
Set RST and XTAL1 to GND
2.
Set pin RST to “H”
Set pin P3.2 to “H”
3.
Apply the appropriate combination of “H” or “L” logic
levels to pins P3.3, P3.4, P3.5, P3.7 to select one of the programming operations
shown in the PEROM Programming Modes table.
To Program and Verify the Array:
4.
Apply data for Code byte at location 000H to P1.0 to P1.7.
5.
Raise RST to 12V to enable programming.
6.
Pulse P3.2 once to program a byte in the PEROM array or the lock bits. The byte-write
cycle is self-timed and typically takes 1.2 ms.
7.
To verify the programmed data, lower RST from 12V to logic “H” level and set pins P3.3
to P3.7 to the appropriate levels. Output data can be read at the port P1 pins.
8.
To program a byte at the next address location, pulse XTAL1 pin once to advance the
internal address counter. Apply new data to the port P1 pins.
9.
Repeat steps 6 through 8, changing data and advancing the address counter for the
entire 4K bytes array or until the end of the object file is reached.
10. Power-off sequence:
set XTAL1 to “L”
set RST to “L”
Turn V
CC power off
Data Polling: The AT89C4051 features Data Polling to indicate the end of a write cycle. During
a write cycle, an attempted read of the last byte written will result in the complement of the writ-
ten data on P1.7. Once the write cycle has been completed, true data is valid on all outputs, and
the next cycle may begin. Data Polling may begin any time after a write cycle has been initiated.
Ready/Busy: The Progress of byte programming can also be monitored by the RDY/BSY output
signal. Pin P3.1 is pulled low after P3.2 goes High during programming to indicate BUSY. P3.1 is
pulled High again when programming is done to indicate READY.


Similar Part No. - AT89C4051-24PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-24PI ATMEL-AT89C4051-24PI Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051-24PI ATMEL-AT89C4051-24PI Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051-24PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com