Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02-W1.8-11 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT34C02-W1.8-11
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02-W1.8-11 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT34C02-W1.8-11 Datasheet HTML 1Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 2Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 3Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 4Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 5Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 6Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 7Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 8Page - ATMEL Corporation AT34C02-W1.8-11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
Permanent Software Write Protection for the First-half of the Array
– Software Procedure to Verify Write Protect Status
Hardware Write Protection for the Entire Array
Low-voltage Operation
– 1.8 (VCC = 1.8V to 5.5V)
Internally Organized 256 x 8
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
100 kHz (1.8V) and 400 kHz (2.7V and 5.0V) Compatibility
16-byte Page Write Modes
Partial Page Writes Are Allowed
Self-timed Write Cycle (5 ms max)
High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Grade Devices Available
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead TSSOP, and 8-ball dBGA2
Packages
Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers
Description
The AT34C02 provides 2048 bits of serial electrically-erasable and programmable
read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of
the device incorporates a software write protection feature while hardware write pro-
tection for the entire array is available via an external pin as well. Once the software
write protection is enabled, by sending a special command to the device, it cannot be
reversed. The hardware write protection is controlled with the WP pin and can be used
to protect the entire array, whether or not the software write protection has been
enabled. This allows the user to protect none, first-half, or all of the array depending
on the application. The device is optimized for use in many industrial and commercial
applications where low-power and low-voltage operations are essential. The AT34C02
is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead
TSSOP and 8-ball dBGA2 packages and is accessed via a two-wire serial interface. In
addition, it is available in 1.8V (1.8V to 5.5V) versions.
Table 1. Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Two-wire Serial
EEPROM
with Permanent
Software Write
Protect
2K (256 x 8)
AT34C02
Note: Not recommended for new
design; please refer to
AT34CO2C datasheet.
Rev. 0958Q–SEEPR–1/07
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead MAP
Bottom View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-ball dBGA2
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
Bottom View


Similar Part No. - AT34C02-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI ATMEL-AT34C02-10PI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI-1.8 ATMEL-AT34C02-10PI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com