Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45D161-RI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45D161-RI
Description  16-megabit 5-volt Only Serial DataFlasH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D161-RI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45D161-RI Datasheet HTML 4Page - ATMEL Corporation AT45D161-RI Datasheet HTML 5Page - ATMEL Corporation AT45D161-RI Datasheet HTML 6Page - ATMEL Corporation AT45D161-RI Datasheet HTML 7Page - ATMEL Corporation AT45D161-RI Datasheet HTML 8Page - ATMEL Corporation AT45D161-RI Datasheet HTML 9Page - ATMEL Corporation AT45D161-RI Datasheet HTML 10Page - ATMEL Corporation AT45D161-RI Datasheet HTML 11Page - ATMEL Corporation AT45D161-RI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AT45D161
8
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
IH, all inputs at
CMOS levels
10
20
µA
I
CC1
Active Current, Read Operation
f = 15 MHz; I
OUT = 0 mA; VCC = 5.5V
15
25
mA
I
CC2
Active Current, Program/Erase
Operation
V
CC = 5.5V
25
50
mA
I
LI
Input Load Current
V
IN = CMOS levels
10
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
10
µA
VIL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
VOH1
Output High Voltage
IOH = -400 µA
2.4
V
V
OH2
Output High Voltage
I
OH = -100 µA; VCC = 4.5V
4.2
V
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
15
MHz
tWH
SCK High Time
30
ns
t
WL
SCK Low Time
30
ns
t
CS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
250
ns
t
CSH
CS Hold Time
250
ns
t
CSB
CS High to RDY/BUSY Low
200
ns
tSU
Data In Setup Time
10
ns
t
H
Data In Hold Time
15
ns
t
HO
Output Hold Time
0
ns
tDIS
Output Disable Time
20
ns
t
V
Output Valid
25
ns
t
XFR
Page to Buffer Transfer/Compare Time
250
350
µs
tEP
Page Erase and Programming Time
10
20
ms
t
P
Page Programming Time
715
ms
t
PE
Page Erase Time
610
ms
tBE
Block Erase Time
715
ms
t
RST
RESET Pulse Width
10
µs
tREC
RESET Recovery Time
1µs
Input Test Waveforms and Measurement Levels
t
R, tF < 5 ns (10% to 90%)
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
Output Test Load
DEVICE
UNDER
TEST
30 pF


Similar Part No. - AT45D161-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161-RI ATMEL-AT45D161-RI Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
More results

Similar Description - AT45D161-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com