Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051-24SU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C4051-24SU
Description  8-bit Microcontroller with 4K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051-24SU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C4051-24SU Datasheet HTML 1Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 2Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 3Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 4Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 5Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 6Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 7Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 8Page - ATMEL Corporation AT89C4051-24SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
1001E–MICRO–6/05
AT89C4051
4.
Pin Description
4.1
VCC
Supply voltage.
4.2
GND
Ground.
4.3
Port 1
Port 1 is an 8-bit bi-directional I/O port. Port pins P1.2 to P1.7 provide internal pullups. P1.0 and
P1.1 require external pullups. P1.0 and P1.1 also serve as the positive input (AIN0) and the neg-
ative input (AIN1), respectively, of the on-chip precision analog comparator. The Port 1 output
buffers can sink 20 mA and can drive LED displays directly. When 1s are written to Port 1 pins,
they can be used as inputs. When pins P1.2 to P1.7 are used as inputs and are externally pulled
low, they will source current (IIL) because of the internal pullups.
Port 1 also receives code data during Flash programming and verification.
4.4
Port 3
Port 3 pins P3.0 to P3.5, P3.7 are seven bi-directional I/O pins with internal pullups. P3.6 is
hard-wired as an input to the output of the on-chip comparator and is not accessible as a gen-
eral-purpose I/O pin. The Port 3 output buffers can sink 20 mA. When 1s are written to Port 3
pins they are pulled high by the internal pullups and can be used as inputs. As inputs, Port 3 pins
that are externally being pulled low will source current (IIL) because of the pullups.
Port 3 also serves the functions of various special features of the AT89C4051 as listed below:
Port 3 also receives some control signals for Flash programming and verification.
4.5
RST
Reset input. All I/O pins are reset to 1s as soon as RST goes high. Holding the RST pin high for
two machine cycles while the oscillator is running resets the device.
Each machine cycle takes 12 oscillator or clock cycles.
4.6
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)


Similar Part No. - AT89C4051-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-24SU ATMEL-AT89C4051-24SU Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com