Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5504 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5504
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5504_06 Datasheet HTML 1Page - ON Semiconductor NCP5504_06 Datasheet HTML 2Page - ON Semiconductor NCP5504_06 Datasheet HTML 3Page - ON Semiconductor NCP5504_06 Datasheet HTML 4Page - ON Semiconductor NCP5504_06 Datasheet HTML 5Page - ON Semiconductor NCP5504_06 Datasheet HTML 6Page - ON Semiconductor NCP5504_06 Datasheet HTML 7Page - ON Semiconductor NCP5504_06 Datasheet HTML 8Page - ON Semiconductor NCP5504_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Iout, OUTPUT CURRENT (mA)
3.30
0
50
100
150
200
250
3.295
3.29
3.285
3.28
3.275
3.27
3.265
3.26
Vin = 4.3 V
Iout, OUTPUT CURRENT (mA)
1.30
0
50
100
150
200
250
Vin = 4.3 V
1.28
1.26
1.24
1.22
1.20
300
−40
−20
0
20
40
60
80
100
120
TJ, JUNCTION TEMPERATURE (°C)
16
TJ, JUNCTION TEMPERATURE (°C)
250
200
150
100
50
0
14
12
10
8
6
4
2
0
−40
−20
0
20
40
60
80
100
120
Figure 3. Output Voltage vs. Output Load
Current for Vout1
Figure 4. Output Voltage vs. Output Load
Current for Vout2
Figure 5. Dropout Voltage vs. Temperature for Vout1
Figure 6. Ground Current vs. Temperature
IO1 = 250 mA
IO1 = IO2 = 250 mA


Similar Part No. - NCP5504_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results

Similar Description - NCP5504_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com