Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5425DB Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5425DB
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DB Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5425DB Datasheet HTML 6Page - ON Semiconductor NCP5425DB Datasheet HTML 7Page - ON Semiconductor NCP5425DB Datasheet HTML 8Page - ON Semiconductor NCP5425DB Datasheet HTML 9Page - ON Semiconductor NCP5425DB Datasheet HTML 10Page - ON Semiconductor NCP5425DB Datasheet HTML 11Page - ON Semiconductor NCP5425DB Datasheet HTML 12Page - ON Semiconductor NCP5425DB Datasheet HTML 13Page - ON Semiconductor NCP5425DB Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
NCP5425
http://onsemi.com
10
Current Sharing
When used in a two separate input to a single output mode,
the NCP5425 dual controller can provide input power
sharing in either of two ways:
A preset ratio. For example, Channel 1 could provide
70% of the load current, and Channel 2, the remaining
30%. Practical ratios for Channel 1/Channel 2
contribution to total load current range from 50%−50%
to 80%−20%.
A preset ratio up to a specific current contribution from
Channel 2. In excess of that limit, all of the additional
load current would be supplied by Channel 1. Figure 7
depicts the actual performance of a NCP5425
configured in a 70%−30% share ratio, with Channel 2
output current limited to 5.0 Amps.
The availability both Channel 2 error amplifier inputs
(signal and reference) at device pins is key to programmable
current ratio sharing. Current sense information from
Channel 1 is connected to the reference input of the Channel
2 error amplifier. Current information from Channel 2 is fed
back to the error amplifier’s inverting input. Channel 2 will
therefore act to adjust its current to match the current
information fed to its reference input from Channel 1. If this
information is one−half the voltage developed across the
Channel 1 output inductor, Channel 2 will run at half the
current and supply a approximately 33% of the total load
current. This application is illustrated in Figure 7.
In some applications the power supply designer may not
only wish to draw a known percentage of power from one
source, but also limit the power drawn from that source. The
current limit amplifier on Channel 2 can be programmed to
budget the maximum input power into Channel 2 and all
power in excess of that limit will be supplied solely by
Channel 1. This is accomplished by setting the Channel 2
cycle−by−cycle
current
limit
in
conjunction
with
programming the current ratio as described above.
Figure 6. Two Phase Current Sharing Circuit
Vin
+
Master
Error Amp
U2
0.8 V
Internal
Reference
VFB1
Q3
L1
R1
R
C3
C
R3
Vout
R
R4
R
C1
C
R1
R
C3
C
L2
C2
C
R2
R
R
+
VFB2
VREF2
U2
Slave
Error Amp
Vin
Q1
Q4
Q2
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
0
5
10
15
20
TOTAL OUTPUT CURRENT, AMPS
Iin(1)
Iin(2)
Iout(1)
Iout(2)
Channel 2 output current
begins to level off at 5
Amps
Channel 1 output current
share begins to increase
Figure 7. 70%/30% Current Sharing with Channel 2 Current Limiting
NOTE: Channel 1 input voltage = Channel 2 input voltage = 5.0 V
Output voltage = 1.5 V


Similar Part No. - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DB ONSEMI-NCP5425DB Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425DB ONSEMI-NCP5425DB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DB ONSEMI-NCP5425DB Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com