Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25HP512C1-10CU-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25HP512C1-10CU-1.8
Description  SPI Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25HP512C1-10CU-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25HP512C1-10CU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 11Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 12Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 13Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
AT25HP256/512
1113L–SEEPR–3/06
READ SEQUENCE (READ): Reading the AT25HP256/512 via the SO pin requires the
following sequence. After the CS line is pulled low to select a device, the read op-code
is transmitted via the SI line followed by the byte address to be read (see Table 10).
Upon completion, any data on the SI line will be ignored. The data (D7D0) at the spec-
ified address is then shifted out onto the SO line. If only one byte is to be read, the CS
line should be driven high after the data comes out. The read sequence can be contin-
ued since the byte address is automatically incremented and data will continue to be
shifted out. When the highest address is reached, the address counter will roll over to
the lowest address allowing the entire memory to be read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25HP256/512, two separate
instructions must be executed. First, the device must be write enabled via the WREN
instruction. Then a Write instruction may be executed. Also, the address of the memory
location(s) to be programmed must be outside the protected address field location
selected by the block write protection level. During an internal write cycle, all commands
will be ignored except the RDSR instruction.
A Write instruction requires the following sequence. After the CS line is pulled low to
select the device, the Write op-code is transmitted via the SI line followed by the byte
address and the data (D7D0) to be programmed (see Table 10). Programming will start
after the CS pin is brought high. The Low-to-High transition of the CS pin must occur
during the SCK low time immediately after clocking in the D0 (LSB) data bit.
The Ready/Busy status of the device can be determined by initiating a Read Status
Register (RDSR) instruction. If Bit 0 = “1”, the write cycle is still in progress. If Bit 0 = “0”,
the write cycle has ended. Only the RDSR instruction is enabled during the write pro-
gramming cycle.
The AT25HP256/512 is capable of a 128-byte page write operation. After each byte of
data is received, the seven low-order address bits are internally incremented by one; the
high-order bits of the address will remain constant. If more than 128 bytes of data are
transmitted, the address counter will roll over and the previously written data will be
overwritten. The AT25HP256/512 is automatically returned to the write disable state at
the completion of a write cycle.
NOTE: If the device is not write enabled (WREN), the device will ignore the Write
instruction and will return to the standby state, when CS is brought high. A new CS fall-
ing edge is required to reinitiate the serial communication.
NOTE: 128-byte Page Write operation only. Content of the page in the array will not be
guaranteed if less than 128 bytes of data is received (byte write is not supported).
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
Table 10. Address Key
Address
AT25HP256/512
A
N
A
14 – A0 / A15 – A0
Don’t Care Bits
A
15 / none
Table 9. WPEN Operation (Continued)
WPEN
WP
WEN
ProtectedBlocks
UnprotectedBlocks
Status Register


Similar Part No. - AT25HP512C1-10CU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25HP512C1-10CC ATMEL-AT25HP512C1-10CC Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CC-1.8 ATMEL-AT25HP512C1-10CC-1.8 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CC-2.7 ATMEL-AT25HP512C1-10CC-2.7 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CI ATMEL-AT25HP512C1-10CI Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CI-1.8 ATMEL-AT25HP512C1-10CI-1.8 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25HP512C1-10CU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com