Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25HP512C1-10CU-1.8 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25HP512C1-10CU-1.8
Description  SPI Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25HP512C1-10CU-1.8 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25HP512C1-10CU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25HP512C1-10CU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AT25HP256/512
1113L–SEEPR–3/06
The AT25HP256/512 is enabled through the Chip Select pin (CS) and accessed via a 3-
wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial
Clock (SCK). All programming cycles are completely self-timed, and no separate erase
cycle is required before write.
Block Write protection is enabled by programming the status register with top ¼, top ½
or entire array of write protection. Separate Program Enable and Program Disable
instructions are provided for additional data protection. Hardware data protection is pro-
vided via the WP pin to protect against inadvertent write attempts to the status register.
The HOLD pin may be used to suspend any serial communication without resetting the
serial sequence.
Figure 1. Block Diagram
Absolute Maximum Ratings*
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
32,768/65,536 x 8


Similar Part No. - AT25HP512C1-10CU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25HP512C1-10CC ATMEL-AT25HP512C1-10CC Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CC-1.8 ATMEL-AT25HP512C1-10CC-1.8 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CC-2.7 ATMEL-AT25HP512C1-10CC-2.7 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CI ATMEL-AT25HP512C1-10CI Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25HP512C1-10CI-1.8 ATMEL-AT25HP512C1-10CI-1.8 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25HP512C1-10CU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com