Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5426SN13T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5426SN13T2G
Description  LDO Regulator/Vibration Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5426SN13T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5426SN13T2G Datasheet HTML 1Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 2Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 3Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 4Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 5Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 6Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 7Page - ON Semiconductor NCP5426SN13T2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP5426
http://onsemi.com
3
100
80
70
60
50
100 k
10 k
40
30
20
10
0
1 k
1 M
FREQUENCY (Hz)
90
0.8
0
12
75
0
50
25
−20
Figure 2. Load Regulation NCP5426
Figure 3. Current Limit NCP5426
OUTPUT CURRENT (mA)
20
0
200
250
150
100
300
50
0.4
1.0
0.2
0.6
0
1.2
1.4
OUTPUT CURRENT (mA)
4
8
16
100
150
−4
−8
−12
−16
125
−50
136
50
130
0
118
TEMPERATURE (
°C)
Figure 4. Quiescent Current vs. Temperature
Figure 5. Undervoltage Lockout vs.
Temperature
140
TEMPERATURE (
°C)
132
134
138
100
125
128
126
124
122
120
Figure 6. Ripple Rejection vs. Frequency
Vin = 3.5 V
Vout = 1.3 V
Iout = 1.0 mA
Cout = 1.0 mF
Ve = 2.5 V
Vin = 3.5 V
Iout = 0 mA
Vout(nom) = 1.3 V
Ve = Vin
Vin = 3.5 V
Ve = 2.5 V
Vout(nom) = 1.3 V
Vin = 3.5 V
Ve = 2.5 V
Vout = 1.3 V
Cout = 1.0 mF
−50
2.7
125
2.4
60
10
2.0
2.5
2.6
2.3
2.2
2.1
Vth ON
Vth OFF
−25
25
75
0
150
TIME (
ms)
100
200
700
300 400
500
600
800
900
Iout = 1 mA to 150 mA
Vin = 3.5 V
Vout = 1.3 V
Cin = 4.7 mF
Cout = 4.7 mF
Figure 7. Load Transient Response
1000
50
0


Similar Part No. - NCP5426SN13T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426SN13T2G ONSEMI-NCP5426SN13T2G Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
More results

Similar Description - NCP5426SN13T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Vybronics Inc
VL91022-160-320H VYBRONICS-VL91022-160-320H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV041235L VYBRONICS-VLV041235L Datasheet
1Mb / 11P
   LINEAR VIBRATION MOTOR
2023.02.16
VLV152564W VYBRONICS-VLV152564W Datasheet
1Mb / 9P
   LINEAR VIBRATION MOTOR
2022.12.02
VL120628H VYBRONICS-VL120628H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV200634A VYBRONICS-VLV200634A Datasheet
1Mb / 12P
   Linear Vibration Motor
2022.06.24
logo
Princeton Technology Co...
PT5141 PTC-PT5141 Datasheet
211Kb / 4P
   1CH DC Motor Driver with LDO
PT5142 PTC-PT5142 Datasheet
266Kb / 4P
   1CH H-Bridge Motor Driver with LDO
logo
Sanyo Semicon Device
LA5540 SANYO-LA5540 Datasheet
56Kb / 3P
   Motor Driver with Regulator, Brake
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com