Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA161 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA161
Description  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA161 Datasheet HTML 1Page - ATMEL Corporation ATMEGA161 Datasheet HTML 2Page - ATMEL Corporation ATMEGA161 Datasheet HTML 3Page - ATMEL Corporation ATMEGA161 Datasheet HTML 4Page - ATMEL Corporation ATMEGA161 Datasheet HTML 5Page - ATMEL Corporation ATMEGA161 Datasheet HTML 6Page - ATMEL Corporation ATMEGA161 Datasheet HTML 7Page - ATMEL Corporation ATMEGA161 Datasheet HTML 8Page - ATMEL Corporation ATMEGA161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 159 page
background image
3
ATmega161(L)
1228D–AVR–02/07
Description
The ATmega161 is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the ATmega161
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed. The AVR core combines a rich
instruction set with 32 general purpose working registers. All the 32 registers are directly
connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be
accessed in one single instruction executed in one clock cycle. The resulting architec-
ture is more code-efficient while achieving throughputs up to ten times faster than
conventional CISC microcontrollers.
The ATmega161 provides the following features: 16K bytes of In-System or Self-
programmable Flash, 512 bytes EEPROM, 1K byte of SRAM, 35 general purpose I/O
lines, 32 general purpose working registers, Real-time Counter, three flexible
Timer/Counters with Compare modes, internal and external interrupts, two programma-
ble serial UARTs, programmable Watchdog Timer with internal Oscillator, an SPI serial
port and three software-selectable power saving modes. The Idle mode stops the CPU
while allowing the SRAM, Timer/Counters, SPI port and interrupt system to continue
functioning. The Power-down mode saves the register and SRAM contents but freezes
the Oscillator, disabling all other chip functions until the next External Interrupt or Hard-
ware Reset. In Power-save mode, the timer Oscillator continues to run, allowing the
user to maintain a timer base while the rest of the device is sleeping.
The device is manufactured using Atmel’s high-density non-volatile memory technology.
The On-chip Flash Program memory can be reprogrammed using the Self-programming
capability through the Boot Block and an ISP through the SPI port, or by using a conven-
tional non-volatile Memory programmer. By combining an enhanced RISC 8-bit CPU
with In-System Programmable Flash on a monolithic chip, the Atmel ATmega161 is a
powerful microcontroller that provides a highly flexible and cost-effective solution to
many embedded control applications.
The ATmega161 AVR is supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, In-Cir-
cuit Emulators and evaluation kits.


Similar Part No. - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161 ATMEL-ATMEGA161 Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega161 ATMEL-ATmega161 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA161-4AC ATMEL-ATMEGA161-4AC Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA161-4AI ATMEL-ATMEGA161-4AI Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA161-4JC ATMEL-ATMEGA161-4JC Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com