Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2001SN2T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2001SN2T1G
Description  0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SN2T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2001SN2T1G Datasheet HTML 1Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 2Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 3Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2001SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCS2001, NCV2001
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C unless otherwise noted.)
Characteristics
Unit
Max
Typ
Min
Symbol
Common Mode Rejection Ratio (Vin = 0 to 5.0 V)
CMRR
60
70
dB
Power Supply Rejection Ratio (VCC = 0.5 V to 2.5 V, VEE = −2.5 V)
PSRR
55
65
dB
Output Short Circuit Current
VCC = 0.45 V, VEE = −0.45 V, VID = "0.4 V
Source Current High Output State
Sink Current Low Output State
VCC = 1.5 V, VEE = −1.5 V, VID = "0.5 V
Source Current High Output State
Sink Current Low Output State
VCC = 2.5 V, VEE = −2.5 V, VID = "0.5 V
Source Current High Output State
Sink Current Low Output State
ISC
0.5
15
40
1.2
−3.0
29
−40
76
−96
−1.5
−20
−50
mA
Power Supply Current (Per Amplifier, VO = 0 V)
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
ID
0.51
0.72
0.82
1.10
1.10
1.10
1.40
1.40
1.40
1.50
1.50
1.50
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Differential Input Resistance (VCM = 0 V)
Rin
u1.0
tera W
Differential Input Capacitance (VCM = 0 V)
Cin
3.0
pF
Equivalent Input Noise Voltage (f = 1.0 kHz)
en
100
nV/√Hz
Gain Bandwidth Product (f = 100 kHz)
VCC = 0.45 V, VEE = −0.45 V
VCC = 1.5 V, VEE = −1.5 V
VCC = 2.5 V, VEE = −2.5 V
GBW
0.5
1.1
1.3
1.4
MHz
Gain Margin (RL = 10 k, CL = 5.0 pf)
Am
6.5
dB
Phase Margin (RL = 10 k, CL = 5.0 pf)
fm
60
°
Power Bandwidth (VO = 4.0 Vpp, RL = 2.0 k, THD = 1.0%, AV = 1.0)
BWP
80
kHz
Total Harmonic Distortion (VO = 4.0 Vpp, RL = 2.0 k, AV = 1.0)
f = 1.0 kHz
f = 10 kHz
THD
0.008
0.08
%
Slew Rate (VS = "2.5 V, VO = −2.0 V to 2.0 V, RL = 2.0 k, AV = 1.0)
Positive Slope
Negative Slope
SR
1.0
1.0
1.6
1.6
6.0
6.0
V/ms


Similar Part No. - NCS2001SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SN2T1G ONSEMI-NCS2001SN2T1G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001SN2T1G ONSEMI-NCS2001SN2T1G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com