Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2002SN2T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2002SN2T1G
Description  Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002SN2T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2002SN2T1G Datasheet HTML 1Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 2Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 3Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 6
1
Publication Order Number:
NCS2002/D
NCS2002, NCV2002
Sub−One Volt Rail−to−Rail
Operational Amplifier with
Enable Feature
The NCS2002 is an industry first sub−one volt operational amplifier
that features a rail−to−rail common mode input voltage range, along
with rail−to−rail output drive capability. This amplifier is guaranteed
to be fully operational down to 0.9 V, providing an ideal solution for
powering applications from a single cell Nickel Cadmium (NiCd) or
Nickel Metal Hydride (NiMH) battery. Additional features include no
output phase reversal with overdriven inputs, trimmed input offset
voltage of 0.5 mV, extremely low input bias current of 40 pA, and a
unity gain bandwidth of 1.1 MHz at 5.0 V.
The NCS2002 also has an active high enable pin that allows external
shutdown of the device. In the standby mode, the supply current is
typically 1.9
mA at 1.0 V. Because of its small size and enable feature,
this amplifier represents the ideal solution for small portable
electronic applications. The NCS2002 is available in the space saving
SOT23−6 (TSOP−6) package with two industry standard pinouts.
Features
0.9 V Guaranteed Operation
Standby Mode: ID = 1.9 mA at 1.0 V, Typical
Rail−to−Rail Common Mode Input Voltage Range
Rail−to−Rail Output Drive Capability
No Output Phase Reversal for Over−Driven Input Signals
0.5 mV Trimmed Input Offset
10 pA Input Bias Current
1.1 MHz Unity Gain Bandwidth at $2.5 V, 1.0 MHz at $0.5 V
Tiny SOT23−6 (TSOP−6) Package
Pb−Free Packages are Available
Typical Applications
Single Cell NiCd / NiMH Battery Powered Applications
Cellular Telephones
Pagers
Personal Digital Assistants
Electronic Games
Digital Cameras
Camcorders
Hand Held Instruments
Figure 1. Typical Application
This device contains 81 active transistors.
+
0.8 V
to
7.0 V
Rail to Rail Input
Rail to Rail Output
TSSOP−6
SN SUFFIX
CASE 318G
PIN CONNECTIONS
1
VOUT
VCC
Non−Inverting
Input
2
3
6
4
VEE
Inverting
Input
Style 1 Pinout (SN1T1)
+ −
1
VOUT
VEE
Non−Inverting
Input
2
3
6
4
VCC
Inverting
Input
Style 2 Pinout (SN2T1)
+ −
MARKING DIAGRAM
http://onsemi.com
5 Enable
5 Enable
AA
= Device Code
x =
Marking Defined on Page 15 in
Ordering Information
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
AAxAYW G
G
1
(Note: Microdot may be in either location)
See detailed ordering, marking, and shipping information in
the package dimensions section on page 15 of this data sheet.
ORDERING AND MARKING INFORMATION


Similar Part No. - NCS2002SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN2T1G ONSEMI-NCS2002SN2T1G Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
More results

Similar Description - NCS2002SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com