Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2510SNT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2510SNT1G
Description  1.4 GHz Current Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2510SNT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2510SNT1G Datasheet HTML 4Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 5Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 6Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 7Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 8Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 9Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 10Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 11Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCS2510
http://onsemi.com
8
AV = +1
AV = +2
VOUT = 1.0 VPP
VOUT = 0.5 VPP
Figure 5. Frequency Response:
Gain (dB) vs. Frequency
AV = +2.0
Figure 6. Frequency Response:
Gain (dB) vs. Frequency
AV = +1.0
Figure 7. Large Signal Frequency Response
Gain (dB) vs. Frequency
Figure 8. Small Signal Frequency Response
Gain (dB) vs. Frequency
Figure 9. Small Signal Step Response
Vertical: 500 mV/div
Horizontal: 10 ns/div
Figure 10. Large Signal Step Response
Vertical: 2 V/div
Horizontal: 10 ns/div
0
−3
−6
−9
−12
FREQUENCY (Hz)
−15
3
6
3
−3
−9
−15
FREQUENCY (Hz)
0
−12
6
AV = +1
VS = ±5 V
RF = 330 W
RL = 150 W
VOUT = 1.0 VPP
VS = ±5 V
RF = 330 W
RL = 150 W
−6
AV = +1
AV = +2
3
−3
−9
−15
FREQUENCY (Hz)
0
−12
6
VOUT = 0.5 VPP
VS = ±5 V
RF = 330 W
RL = 150 W
−6
VS = ±5 V
VS = ±5 V
10k
1M
10M
1G
100k
100M
10G
10k
1M
10M
1G
100k
100M
10G
10k
1M
10M
1G
100k
100M
10G
VOUT = 2.0 VPP
VOUT = 0.5 VPP
0
−6
−9
−12
−15
10k
1M
10M
1G
FREQUENCY (Hz)
−3
6
AV = +2
VS = ±5 V
RF = 330 W
RL = 150 W
100k
100M
10G
VOUT = 1.0 VPP
3


Similar Part No. - NCS2510SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2510SNT2 ONSEMI-NCS2510SNT2 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2510SNT2G ONSEMI-NCS2510SNT2G Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results

Similar Description - NCS2510SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com