Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2001SQ1T2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2001SQ1T2G
Description  0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SQ1T2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2001SQ1T2G Datasheet HTML 2Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 3Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 4Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 5Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 6Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 7Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 8Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 9Page - ON Semiconductor NCS2001SQ1T2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCS2001, NCV2001
http://onsemi.com
6
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS, Supply Voltage (V)
−40°C
25°C
85°C
Output Pulsed Test
at 3% Duty Cycle
0
50
100
150
200
250
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
90
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
0
10
20
30
40
50
60
70
80
90
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
1
0
f, Frequency (Hz)
2
3
4
5
6
VS = ±1.5 V
VS = ±2.5 V
VS = ±0.5 V
AV = 1.0
RL = 10 k
TA = 25°C
f, Frequency (Hz)
f, Frequency (Hz)
Figure 8. Output Voltage vs. Frequency
Figure 9. Common Mode Rejection
vs. Frequency
Figure 10. Power Supply Rejection
vs. Frequency
Figure 11. Output Short Circuit Sinking
Current vs. Supply Voltage
VCC = 2.5 V
VEE = −2.5 V
TA = 25°C
VS, Supply Voltage (V)
85°C
Figure 12. Output Short Circuit Sourcing
Current vs. Supply Voltage
Figure 13. Supply Current vs. Supply Voltage
PSR +
PSR −
VCC = 2.5 V
VEE = −2.5 V
TA = 25°C
VS, Supply Voltage (V)
−40°C
25°C
85°C
Output Pulsed Test
at 3% Duty Cycle
1.E+03
1.E+04
1.E+05
1.E+06
PSR −
PSR +
25°C
−40°C


Similar Part No. - NCS2001SQ1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SQ1T2G ONSEMI-NCS2001SQ1T2G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001SQ1T2G ONSEMI-NCS2001SQ1T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SQ1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com