Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2001SQ2T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2001SQ2T2
Description  0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SQ2T2 Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2001SQ2T2 Datasheet HTML 1Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 2Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 3Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 4Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 5Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 6Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 7Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 8Page - ON Semiconductor NCS2001SQ2T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCS2001, NCV2001
http://onsemi.com
5
V+
2 V/div
1 ms/div)
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
Phase
Margin = 60°
Gain
Phase
−40
−20
0
20
40
60
80
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
−225
−180
−135
−90
−45
0
45
0
0
2.0
8.0
10
12
IL, Load Current (mA)
0.1
0.2
0.3
−0.3
−0.2
−0.1
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
IL to GND
TA = 25°C
4.0
6.0
TA, Ambient Temperature (°C)
Figure 2. Split Supply Output Saturation vs.
Load Resistance
Figure 3. Split Supply Output Saturation vs.
Load Current
Figure 4. Input Bias Current vs. Temperature
Figure 5. Gain and Phase vs. Frequency
Figure 6. Transient Response
Figure 7. Slew Rate
0
100
1.0 k
10 k
100 k
1.0 M
RL, Load Resistance (W)
0.2
0.4
0.6
−0.6
−0.4
−0.2
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
RL to GND
TA = 25°C
f, Frequency (Hz)
1000
100
1.0
0
0
25
50
75
100
125
10
VCC = 2.5 V
VEE = −2.5 V
−2 V
−2 V
−2 V
−2 V
2 V
2 V
VOUT
2 V/div
V+
0.1 V/div
VOUT
0.1 V/div
1 ms/div)
0 V
0.2 V
0 V
0.2 V


Similar Part No. - NCS2001SQ2T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SQ2T2 ONSEMI-NCS2001SQ2T2 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SQ2T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com