Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5662MN33R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5662MN33R2G
Description  Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5662MN33R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5662MN33R2G Datasheet HTML 2Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 3Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 4Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 5Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 6Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 7Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 8Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 9Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP5662, NCV5662
http://onsemi.com
6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
0.5
1.0
1.5
2.0
Iout, OUTPUT CURRENT (A)
Vout = 1.5 V Fixed
Cin = 150 mF
Cout = 10 to 150 mF
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Dropout Voltage vs. Temperature
Figure 4. 1.5 V Dropout Voltage vs. Output Current
TJ, JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.2
−50
−25
0
25
50
75
100
125
150
1.0
2
2.25
2.5
2.75
3
3.5
−50
−25
0
25
50
75
100
125
150
3.25
3.0
3.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
0.5
1.0
1.5
2.0
Iout, OUTPUT CURRENT (A)
Vout = 3.3 V Fixed
Cin = 150 mF
Cout = 10 to 150 mF
TJ = 25°C
Figure 5. 3.3 V Dropout Voltage vs. Output Current
Figure 6. Ground Current vs. Temperature
Figure 7. Short Circuit Current Limit vs.
Temperature


Similar Part No. - NCP5662MN33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662MN33R2G ONSEMI-NCP5662MN33R2G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
More results

Similar Description - NCP5662MN33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com