Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB041A-CC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB041A-CC
Description  4-megabit 2.5-volt Only Serial DataFlasH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041A-CC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB041A-CC Datasheet HTML 1Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 2Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 3Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 4Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 5Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 6Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 7Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 8Page - ATMEL Corporation AT45DB041A-CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AT45DB041A
2
memories that are accessed randomly with multiple
address lines and a parallel interface, the DataFlash uses a
serial interface to sequentially access its data. The simple
serial interface facilitates hardware layout, increases sys-
tem reliability, minimizes switching noise, and reduces
package size and active pin count. The device is optimized
for use in many commercial and industrial applications
where high density, low pin count, low voltage, and low
power are essential. Typical applications for the DataFlash
are digital voice storage, image storage, and data storage.
The device operates at clock frequencies up to 13 MHz
with a typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the
AT45DB041A does not require high input voltages for pro-
gramming. The device operates from a single power
supply, 2.5V to 3.0V or 2.7V to 3.6V, for both the program
and read operations. The AT45DB041A is enabled through
the chip select pin (CS) and accessed via a three-wire
interface consisting of the Serial Input (SI), Serial Output
(SO), and the Serial Clock (SCK).
All programming cycles are self-timed, and no separate
erase cycle is required before programming.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the
AT45DB041A is divided into three levels of granularity
comprising of sectors, blocks, and pages. The Memory
Architecture Diagram illustrates the breakdown of each
level and details the number of pages per sector and block.
All program operations to the DataFlash occur on a page-
by-page basis; however, the optional erase operations can
be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 2 (264 BYTES)
BUFFER 1 (264 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI


Similar Part No. - AT45DB041A-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB041A ATMEL-AT45DB041A_14 Datasheet
438Kb / 28P
   100% Compatible to AT45DB041
More results

Similar Description - AT45DB041A-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
   4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com