Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4269D1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV4269D1G
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269D1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV4269D1G Datasheet HTML 2Page - ON Semiconductor NCV4269D1G Datasheet HTML 3Page - ON Semiconductor NCV4269D1G Datasheet HTML 4Page - ON Semiconductor NCV4269D1G Datasheet HTML 5Page - ON Semiconductor NCV4269D1G Datasheet HTML 6Page - ON Semiconductor NCV4269D1G Datasheet HTML 7Page - ON Semiconductor NCV4269D1G Datasheet HTML 8Page - ON Semiconductor NCV4269D1G Datasheet HTML 9Page - ON Semiconductor NCV4269D1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV4269
http://onsemi.com
6
Figure 4. Sense Timing Diagram
Sense Input Voltage
VSI,HIGH
VSI,LOW
HIGH
LOW
tPDSOHL
tPDSOLH
t
t
Sense Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
3.2
−40
0
40
80
120
160
TJ, (°C)
0
2
4
6
8
10
12
14
16
−40
0
40
80
120
160
Figure 5. Charge Current ID vs. Temperature TJ
Figure 6. Switching Voltage VUD and VLD vs.
Temperature TJ
TJ, (°C)
VI = 13.5 V
VD = 1.0 V
VI = 13.5 V
VUD
VLD
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0


Similar Part No. - NCV4269D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269D1 ONSEMI-NCV4269D1 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269D1R2 ONSEMI-NCV4269D1R2 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
More results

Similar Description - NCV4269D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com