Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2202SN2T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2202SN2T1G
Description  Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2202SN2T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2202SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 9Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 10Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 11Page - ON Semiconductor NCS2202SN2T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
8
500
300
600
200
400
0
700
0.5
−100
4.93
50
4.90
0
−50
4.88
VCC, SUPPLY VOLTAGE (V)
Figure 7. NCS2200/1 Series Output Voltage
High State versus Temperature
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT OVERDRIVE (mV)
4.95
0
3.0
6.0
0
150
100
50
200
0.3
0.6
0.2
0.4
0
0.7
0.8
VCC = 5.0 V
TA = 25°C
tPLH
TA, AMBIENT TEMPERATURE (°C)
4.89
4.91
4.92
4.94
100
150
100
tPHL
0.1
0
150
100
50
200
VCC = 2.7 V
TA = 25°C
tPLH
tPHL
INPUT OVERDRIVE (mV)
TA = 25°C
Input Overdrive = 100 mV
tLH
tHL
1.0
2.0
4.0
5.0
VCC
Output
10
ms/Div
Input Overdrive = 50 mV
Figure 8. NCS2200 Series Propagation Delay
versus Temperature
Figure 9. NCS2200 Series Output Response
Time versus Supply Voltage
Figure 10. NCS2200 Series Propagation Delay
versus Input Overdrive
Figure 11. NCS2200 Series Propagation Delay
versus Input Overdrive
Figure 12. NCS2200 Series Powerup Delay
−50
50
0.2
0
−25
0
1.0
TA, AMBIENT TEMPERATURE (°C)
0.4
0.6
0.8
75
100
25
tPHL
tPLH
VCC = 5.0 V
ILOAD = 4.0 mA
VCC = 5.0 V
Input Overdrive = 50 mV


Similar Part No. - NCS2202SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2202SN2T1G ONSEMI-NCS2202SN2T1G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2202SN2T1G ONSEMI-NCS2202SN2T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202SN2T1G ONSEMI-NCS2202SN2T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202SN2T1G ONSEMI-NCS2202SN2T1G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2202SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com