Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2202SQ2T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2202SQ2T2G
Description  Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2202SQ2T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2202SQ2T2G Datasheet HTML 1Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 2Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 3Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 4Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 5Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 6Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 7Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 8Page - ON Semiconductor NCS2202SQ2T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range (VCC to VEE)
VS
6.0
V
Non−inverting/Inverting Input to VEE
−0.2 to (VCC + 0.2)
V
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +105
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Output Short Circuit Duration Time (Note 1)
tS
Indefinite
s
ESD Tolerance (Note 2)
NCS2200/2201
Human Body Model
Machine Model
NCS2202/NCS2203
Human Body Model
Machine Model
NCS2200A
Human Body Model
Machine Model
2000
200
1000
200
1900
200
V
Thermal Resistance, Junction−to−Ambient
TSOP−5
DFN (Note 3)
SC70−5
UDFN
RqJA
238
215
283
350
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
R
qJA
2. ESD data available upon request.
3. For more information, refer to application note, AND8080/D.


Similar Part No. - NCS2202SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2202SQ2T2G ONSEMI-NCS2202SQ2T2G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2202SQ2T2G ONSEMI-NCS2202SQ2T2G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202SQ2T2G ONSEMI-NCS2202SQ2T2G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202SQ2T2G ONSEMI-NCS2202SQ2T2G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2202SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com