Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276DS50G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4276DS50G
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276DS50G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4276DS50G Datasheet HTML 1Page - ON Semiconductor NCV4276DS50G Datasheet HTML 2Page - ON Semiconductor NCV4276DS50G Datasheet HTML 3Page - ON Semiconductor NCV4276DS50G Datasheet HTML 4Page - ON Semiconductor NCV4276DS50G Datasheet HTML 5Page - ON Semiconductor NCV4276DS50G Datasheet HTML 6Page - ON Semiconductor NCV4276DS50G Datasheet HTML 7Page - ON Semiconductor NCV4276DS50G Datasheet HTML 8Page - ON Semiconductor NCV4276DS50G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCV4276, NCV4276A
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Description
1
I
Input; Battery Supply Input Voltage.
2
INH
Inhibit; Set low−to inhibit.
3
GND
Ground; Pin 3 internally connected to heatsink.
4
NC / VA
Not connected for fixed voltage version / Voltage Adjust Input for adjustable voltage version; use an external
voltage divider to set the output voltage
5
Q
Use 22 mF, ESR < 2.5 W at 10 kHz to ground with the 5.0 V and adjustable regulators. See Figures 3, 4, and 5.
Use 10 mF, ESR < 1.8 W at 10 kHz to ground with the 3.3 V, 2.5 V, and 1.8 V regulators. See Figures 3 and 6.
MAXIMUM RATINGS*
Rating
Symbol
Min
Max
Unit
Input Voltage
VI
−42
45
V
Input Peak Transient Voltage
VI
45
V
Inhibit INH Voltage
VINH
−42
45
V
Output Voltage
VQ
−1.0
40
V
Ground Current
Iq
100
mA
Input Voltage Operating Range
VI
VQ + 0.5 V or 4.5 V
(Note 1)
40
V
ESD Susceptibility
(Human Body Model)
(Machine Model)
(Charged Device Model)
4.5
250
1.25
kV
V
kV
Junction Temperature
TJ
−40
150
°C
Storage Temperature
Tstg
−50
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*During the voltage range which exceeds the maximum tested voltage of I, operation is assured, but not specified. Wider limits may apply. Thermal
dissipation must be observed closely.
LEAD TEMPERATURE SOLDERING REFLOW (Note 2)
Lead Temperature Soldering
Reflow (SMD styles only), Leaded, 60−150 s above 183, 30 s max at peak
Reflow (SMD styles only), Lead Free, 60−150 s above 217, 40 s max at peak
Wave Solder (through hole styles only), 12 sec max
TSLD
240
265
310
°C
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Value)
Unit
DPAK 5−PIN PACKAGE
Min Pad Board (Note 3)
1, Pad Board (Note 4)
Junction−to−Tab (psi−JLx, yJLx)
4.2
4.7
C/W
Junction−to−Ambient (RqJA, qJA)
100.9
46.8
C/W
D2PAK 5−PIN PACKAGE
0.4 sq. in. Spreader Board (Note 5)
1.2 sq. in. Spreader Board (Note 6)
Junction−to−Tab (psi−JLx, yJLx)
3.8
4.0
C/W
Junction−to−Ambient (RqJA, qJA)
74.8
41.6
C/W
1. Minimum VI = 4.5 V or (VQ + 0.5 V), whichever is higher.
2. Per IPC / JEDEC J−STD−020C.
3. 1 oz. copper, 0.26 inch2 (168 mm2) copper area, 0.062″ thick FR4.
4. 1 oz. copper, 1.14 inch2 (736 mm2) copper area, 0.062″ thick FR4.
5. 1 oz. copper, 0.373 inch2 (241 mm2) copper area, 0.062″ thick FR4.
6. 1 oz. copper, 1.222 inch2 (788 mm2) copper area, 0.062″ thick FR4.


Similar Part No. - NCV4276DS50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276DS50 ONSEMI-NCV4276DS50 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276DS50R4 ONSEMI-NCV4276DS50R4 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results

Similar Description - NCV4276DS50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com