Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40TTS12 Datasheet(PDF) 3 Page - International Rectifier

Part # 40TTS12
Description  PHASE CONTROL SCR Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TTS12 Datasheet(HTML) 3 Page - International Rectifier

  40TTS12 Datasheet HTML 1Page - International Rectifier 40TTS12 Datasheet HTML 2Page - International Rectifier 40TTS12 Datasheet HTML 3Page - International Rectifier 40TTS12 Datasheet HTML 4Page - International Rectifier 40TTS12 Datasheet HTML 5Page - International Rectifier 40TTS12 Datasheet HTML 6Page - International Rectifier 40TTS12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
40TTS12PbF SAFE
IR Series
Bulletin I2233 rev. A 11/05
www.irf.com
Triggering
P
GM
Max. peak Gate Power
8.0
W
PG(AV) Max. average Gate Power
2.0
+ IGM Max. paek positive Gate Current
1.5
A
- VGM Max. paek negative Gate Voltage
10
V
IGT
Max. required DC Gate Current
35
mA
Anode supply = 6V, resistive load, TJ = 25°C
to trigger
VGT Max. required DC Gate Voltage
1.3
V
Anode supply = 6V, resistive load, TJ = 25°C
to trigger
VGD Max. DC Gate Voltage not to trigger
0.2
TJ = 140°C, VDRM = rated value
IGD
Max. DC Gate Current not to trigger
1.5
mA
TJ = 140°C, VDRM = rated value
Parameters
40TTS..
Units
Conditions
Switching
Parameters
40TTS..
Units
Conditions
tgt
Typical turn-on time
0.9
µs
TJ = 25°C
trr
Typical reverse recovery time
4
TJ = 140°C
tq
Typical turn-off time
110
T
J
Max. Junction Temperature Range
- 40 to 140
°C
T
stg
Max. Storage Temperature Range
- 40 to 140
R
thJC Max. Thermal Resistance Junction
0.8
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
60
to Ambient
R
thCS Typ. Thermal Resistance Case
0.5
Mounting surface, smooth and greased
to Heatsink
wt
Approximate Weight
2 (0.07)
g(oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220AC
Thermal-Mechanical Specifications
Parameters
40TTS..
Units
Conditions
Kg-cm
(Ibf-in)


Similar Part No. - 40TTS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TTS12PBF VISHAY-40TTS12PBF Datasheet
118Kb / 7P
   Phase Control SCR, 40 A
Revision: 24-Apr-08
More results

Similar Description - 40TTS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40TPS16PBF IRF-40TPS16PBF Datasheet
160Kb / 7P
   PHASE CONTROL SCR Lead-Free
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
   PHASE CONTROL SCR Lead-Free
12TTS08PBF IRF-12TTS08PBF Datasheet
171Kb / 7P
   SAFEIR Series PHASE CONTROL SCR Lead-Free (PbF suffix)
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com