Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276DS50R4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV4276DS50R4G
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276DS50R4G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV4276DS50R4G Datasheet HTML 2Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 3Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 4Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 5Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 6Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 7Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 8Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 9Page - ON Semiconductor NCV4276DS50R4G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCV4276, NCV4276A
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS − 4276 Version
4.8
4.9
5.0
5.1
5.2
−40
0
40
80
120
160
TJ (°C)
VI = 13.5 V, RL = 1000 W
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
−40
0
40
80
120
160
TJ (°C)
VI = 13.5 V
RL = 1 kW
3.15
3.20
3.25
3.30
3.35
3.40
3.45
−40
0
40
120
160
TJ (°C)
Figure 7. Output Voltage VQ vs. Temperature TJ,
5.0 V Version
Figure 8. Output Voltage VQ vs. Junction
Temperature TJ, 1.8 V Version
Figure 9. Output Voltage VQ vs. Junction
Temperature TJ, 2.5 V Version
Figure 10. Output Voltage VQ vs. Junction
Temperature TJ, 3.3 V Version
0
5
10
15
20
25
30
35
40
45
010
20
30
40
50
VI (V)
TJ = 25°C
RL = 20 W
Figure 11. Current Consumption Iq vs.
Input Voltage VI, 5.0 V Version
0
1.0
2.0
3.0
5.0
6.0
7.0
8.0
9.0
10
010
20
30
40
50
VI (V)
TJ = 25°C
RL = 20 W
Figure 12. Current Consumption Iq vs.
Input Voltage VI, 1.8 V Version
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
−40
0
40
80
120
160
TJ (°C)
VI = 13.5 V
RL = 1 kW
VI = 13.5 V
RL = 1 kW
80
4.0


Similar Part No. - NCV4276DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276DS50R4 ONSEMI-NCV4276DS50R4 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results

Similar Description - NCV4276DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com