Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276DS33G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV4276DS33G
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276DS33G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV4276DS33G Datasheet HTML 7Page - ON Semiconductor NCV4276DS33G Datasheet HTML 8Page - ON Semiconductor NCV4276DS33G Datasheet HTML 9Page - ON Semiconductor NCV4276DS33G Datasheet HTML 10Page - ON Semiconductor NCV4276DS33G Datasheet HTML 11Page - ON Semiconductor NCV4276DS33G Datasheet HTML 12Page - ON Semiconductor NCV4276DS33G Datasheet HTML 13Page - ON Semiconductor NCV4276DS33G Datasheet HTML 14Page - ON Semiconductor NCV4276DS33G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NCV4276, NCV4276A
http://onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS − 4276A Version
IQ, OUTPUT CURRENT (mA)
400
300
200
100
0
0
100
200
300
400
500
600
TJ = 125°C
TJ = 25°C
VI, INPUT VOLTAGE (V)
50
25
0
−25
−50
−10
−8.0
−6.0
−2.0
0
2.0
6.0
RL = 6.8 kW
TJ = 25°C
−4.0
4.0
VI, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
200
400
600
800
TJ = 25°C
VQ = 0 V
Figure 34. Input Current vs. Input Voltage,
5.0 V Version
IQ, OUTPUT CURRENT (mA)
600
500
400
300
200
100
0
0
10
20
30
40
50
60
IQ, OUTPUT CURRENT (mA)
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
VI = 13.5 V
TJ = 25°C
1.0
VI = 13.5 V
VI, INPUT VOLTAGE (V)
50
25
0
−25
−50
−10
−8.0
−6.0
−2.0
0
2.0
RL = 6.8 kW
TJ = 25°C
−4.0
Figure 35. Input Current II vs. Input Voltage VI,
3.3 V Version
Figure 36. Dropout Voltage VDR vs.
Output Current IQ
Figure 37. Maximum Output Current IQ vs.
Input Voltage VI
Figure 38. Current Consumption Iq vs.
Output Current IQ (High Load)
Figure 39. Current Consumption Iq vs.
Output Current IQ (Low Load)


Similar Part No. - NCV4276DS33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276DS33 ONSEMI-NCV4276DS33 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276DS33R4 ONSEMI-NCV4276DS33R4 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results

Similar Description - NCV4276DS33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com