Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B31-06-1 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B31-06-1
Description  Isolated Voltage Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B31-06-1 Datasheet(HTML) 3 Page - Analog Devices

  7B31-06-1 Datasheet HTML 1Page - Analog Devices 7B31-06-1 Datasheet HTML 2Page - Analog Devices 7B31-06-1 Datasheet HTML 3Page - Analog Devices 7B31-06-1 Datasheet HTML 4Page - Analog Devices 7B31-06-1 Datasheet HTML 5Page - Analog Devices 7B31-06-1 Datasheet HTML 6Page - Analog Devices 7B31-06-1 Datasheet HTML 7Page - Analog Devices 7B31-06-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B31
Rev. 0 | Page 3 of 8
7B31 Models Available
Model
Input Range
Output Range
7B31-01-1
0 V to +10 V
+1 V to +5 V
7B31-01-2
0 V to +10 V
0 V to +10 V
7B31-02-1
-5 V to +5 V
+1 V to +5 V
7B31-02-2
-5 V to +5 V
0 V to +10 V
7B31-03-1
-10 V to +10 V
+1 V to +5 V
7B31-03-2
-10 V to +10 V
0 V to +10 V
7B31-04-1
0 V to +5 V
+1 V to +5 V
7B31-04-2
0 V to +5 V
0 V to +10 V
7B31-05-1
0 V to +20 V
+1 V to +5 V
7B31-05-2
0 V to +20 V
0 V to +10 V
7B31-06-1
-20 V to +20 V
+1 V to +5 V
7B31-06-2
-20 V to +20 V
0 V to +10 V
7B31-07-1
0 V to +50 V
+1 V to +5 V
7B31-07-2
0 V to +50 V
0 V to +10 V
7B31-08-1
-50 V to +50 V
+1 V to +5 V
7B31-08-2
-50 V to +50 V
0 V to +10 V
7B31 Specifications
(typical @ +23°C ±5°C and Vs = +24 V dc)
Description
Model 7B31
Input Ranges
(Refer to Model Table)
Standard Unipolar Ranges
0 V to: +5 V or +10 V or +20 V or +50 V
Standard Bipolar Ranges
±5 V or ±10 V or ±20 V or ±50 V
Custom Ranges
Not Available*
Output Range Options (RL > 2 kΩ)
+1 V to +5 V or 0 V to +10 V
Accuracy1
Initial @ +25°C
±0.01% Span (±0.1% Span, maximum)
Nonlinearity2
±0.02% Span, maximum
Input Offset vs. Temperature
±0.5µV/°C
Zero Suppression vs. Temperature
±0.005% (Vz)
3/°C
Span vs. Temperature
±35 ppm/°C
Output Offset vs. Temperature
±0.002% span/°C
Input Resistance
Power ON
7B31-01 to 7B31-04
100 k


Similar Part No. - 7B31-06-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B31 AD-7B31_15 Datasheet
534Kb / 8P
   Isolated Voltage Input
REV. 0
More results

Similar Description - 7B31-06-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B30 AD-3B30_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
3B31 AD-3B31_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
3B30 AD-3B30 Datasheet
354Kb / 8P
   Isolated Voltage Input
REV. 0
7B31 AD-7B31_15 Datasheet
534Kb / 8P
   Isolated Voltage Input
REV. 0
3B40 AD-3B40 Datasheet
404Kb / 8P
   Isolated Wideband Voltage Input
REV. 0
7B30 AD-7B30 Datasheet
533Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com