Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276DS18 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV4276DS18
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276DS18 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV4276DS18 Datasheet HTML 1Page - ON Semiconductor NCV4276DS18 Datasheet HTML 2Page - ON Semiconductor NCV4276DS18 Datasheet HTML 3Page - ON Semiconductor NCV4276DS18 Datasheet HTML 4Page - ON Semiconductor NCV4276DS18 Datasheet HTML 5Page - ON Semiconductor NCV4276DS18 Datasheet HTML 6Page - ON Semiconductor NCV4276DS18 Datasheet HTML 7Page - ON Semiconductor NCV4276DS18 Datasheet HTML 8Page - ON Semiconductor NCV4276DS18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 18
1
Publication Order Number:
NCV4276/D
NCV4276, NCV4276A
400 mA Low−Drop Voltage
Regulator
The NCV4276 is a 400 mA output current integrated low dropout
regulator family designed for use in harsh automotive environments.
It includes wide operating temperature and input voltage ranges. The
device is offered with fixed output voltage options of 1.8 V and 2.5 V
with 4% output voltage accuracy while the 3.3 V, 5.0 V, and
adjustable voltage versions are available either in 2% or 4% output
voltage accuracy. It has a high peak input voltage tolerance and
reverse input voltage protection. It also provides overcurrent
protection, overtemperature protection and inhibit for control of the
state of the output voltage. The NCV4276 family is available in
DPAK and D2PAK surface mount packages. The output is stable over
a wide output capacitance and ESR range.
Features
2.5 V and 1.8 V ±4% Output Voltage
3.3 V, 5.0 V, and Adjustable Voltage Version (from 2.5 V to 20 V)
±4% or ±2% Output Voltage
400 mA Output Current
500 mV (max) Dropout Voltage (5.0 V Output)
Inhibit Input
Very Low Current Consumption
Fault Protection
+45 V Peak Transient Voltage
−42 V Reverse Voltage
Short Circuit
Thermal Overload
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
D2PAK
5−PIN
DS SUFFIX
CASE 936A
1
5
DPAK
5−PIN
DT SUFFIX
CASE 175AA
1
5
See detailed ordering and shipping information in the ordering
information section on page 21 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
See general marking information in the device marking
section on page 20 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - NCV4276DS18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276DS18 ONSEMI-NCV4276DS18 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276DS18R4 ONSEMI-NCV4276DS18R4 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results

Similar Description - NCV4276DS18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com