Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6603 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6603
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6603 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6603 Datasheet HTML 3Page - ATMEL Corporation ATA6603 Datasheet HTML 4Page - ATMEL Corporation ATA6603 Datasheet HTML 5Page - ATMEL Corporation ATA6603 Datasheet HTML 6Page - ATMEL Corporation ATA6603 Datasheet HTML 7Page - ATMEL Corporation ATA6603 Datasheet HTML 8Page - ATMEL Corporation ATA6603 Datasheet HTML 9Page - ATMEL Corporation ATA6603 Datasheet HTML 10Page - ATMEL Corporation ATA6603 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 362 page
background image
7
4921C–AUTO–01/07
ATA6602/ATA6603
3.3.7
TXD Dominant Time-out Function
The TXD input has an internal pull-up resistor. An internal timer prevents the bus line from being
driven permanently in the dominant state. If TXD is forced to low longer than t
DOM >6ms, the
LIN bus driver is switched to the recessive state. To reset this mode switch (> 10 µs) before
switching LIN to dominant again.
3.3.8
Output Pin (RXD)
This pin reports the state of the LIN bus to the microcontroller. LIN high (recessive state) is
reported by a high level at RXD, LIN low (dominant state) is reported by a low level at RXD. The
output has an internal pull-up structure with typically 5 k
Ω to V
DD. The AC characteristics can be
defined with an external load capacitor of 20 pF.
The output is short-circuit protected. In Unpowered Mode (that is, V
S = 0V), RXD is switched off.
3.3.9
Enable Input Pin (EN)
This pin controls the operation mode of the interface. If EN is high, the interface is in Normal
Mode, with transmission paths from TXD to LIN and from LIN to RXD both being active. The V
DD
voltage regulator is operating with 5V ±2%/50 mA output capability.
If EN is switched to low while TXD is still high, the device is forced to Silent Mode. No data trans-
mission is then possible and the current consumption is reduced to I
VS =50 µA. The current
capability of the V
DD regulator is also 50 mA, but the VDD tolerance is between 4.65V and 5.35V.
If EN is switched to low while TXD is low, the device is forced to Sleep Mode. No data transmis-
sion is possible and the voltage regulator is switched off.
3.3.10
Wake Input Pin (WAKE)
This pin is a high voltage input used to wake the device up from Sleep Mode. It is usually con-
nected to an external switch in the application to generate a local wake-up. A pull-up current
source with typically 10 µA is implemented.
If you do not need a local wake-up in your application, connect pin WAKE directly to pin VS.
3.3.11
MODE Input Pin
For normal watchdog operation connect pin MODE via an external resistor to GND. For debug-
ging your software you can connect pin MODE to 5V and the watchdog is switched off.
3.3.12
TM Input Pin
Pin TM is used in final production measurement at Atmel. In the application it is always con-
nected to GND.


Similar Part No. - ATA6603

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6603

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com