Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276ADTADJRKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV4276ADTADJRKG
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276ADTADJRKG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV4276ADTADJRKG Datasheet HTML 1Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 2Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 3Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 4Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 5Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 6Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 7Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 8Page - ON Semiconductor NCV4276ADTADJRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCV4276, NCV4276A
http://onsemi.com
5
5.5 − 45 V
Input
CI1
1.0 mF
CI2
100 nF
II
I
INH
1
2
5
4
3
GND
CQ
22 mF
IQ
Q
NC
Output
Figure 3. Applications Circuit; Fixed Voltage Version
NCV4276
RL
IINH
Input
CI1
1.0 mF
CI2
100 nF
II
I
INH
1
2
5
4
3
GND
CQ
22 mF
IQ
Q
VA
Output
Figure 4. Applications Circuit; Adjustable Voltage Version
NCV4276
NCV4276A
RL
IINH
R1
R2
VQ = [(R1 + R2) * Vref] / R2
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Output Stability with Output Capacitor
ESR, 5.0 V and Adjustable Regulator
0.01
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Unstable ESR Region for
CQ = 1 mF − 22 mF
Stable ESR Region
0
150
250
350
50
450
Maximum ESR for
CQ = 1 mF − 22 mF
100
200
300
400
Figure 6. Output Stability with Output Capacitor
ESR, 1.8 V, 2.5 V, 3.3 V Regulators
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
50
100
150 200
250 300
350
400 450
CQ = 10 mF for these
Output Voltages
Stable Region
OUTPUT CURRENT (mA)
Unstable Region
3.3 V
2.5 V
1.8 V


Similar Part No. - NCV4276ADTADJRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276 ONSEMI-NCV4276 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
NCV4276BDS33R4G ONSEMI-NCV4276BDS33R4G Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
More results

Similar Description - NCV4276ADTADJRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com