Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6603-PLQW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6603-PLQW
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6603-PLQW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6603-PLQW Datasheet HTML 1Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 2Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 3Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 4Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 5Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 362 page
background image
4
4921C–AUTO–01/07
ATA6602/ATA6603
3.
LIN System-basis-chip Block
3.1
Features
Supply Voltage up to 40V
Operating Voltage V
S = 5V to 18V
Slew Rate Control According to LIN Specification 2.0
Supply Current During Sleep Mode Typically 10 µA
Supply Current in Silent Mode Typically 40 µA
Linear Low-drop Voltage Regulator:
– Normal Mode: V
DD = 5V ±2%/50 mA
– Silent Mode: V
DD = 5V ±7%/50 mA
– Sleep Mode: VDD is Switched Off
V
DD Undervoltage Detection (10 ms Reset Time) and Watchdog Reset Logically Combined at
Output NRES
Possibility of Boosting the Voltage Regulator with an External NPN Transistor
LIN Physical Layer According to LIN Specification 2.0
Wake-up Capability via LIN Bus or WAKE Pin
Wake-up Recognition
TXD Time-out Timer
Debug Mode Watchdog Is Switched Off
60V Load Dump Protection at LIN Pin
Bus Pin is Overtemperature and Short Circuit Protected versus GND and Battery
Adjustable Watchdog Time via External Resistor
Positive and Negative Trigger Input for Watchdog
5V CMOS Compatible I/O Pins to MCU
Analog Temperature Monitor Output
High EMC and ESD Level
3.2
Description
The LIN-SBC is a fully integrated LIN transceiver, complying with the LIN specification, and with
a low-drop voltage regulator for 5V/50 mA output and a window watchdog adjustable via an
external resistor. The voltage regulator is able to source 50 mA at V
S = 18V even at an ambient
temperature of 105°C. The output current of the regulator can be boosted by using an external
NPN transistor. This combination makes it possible to develop simple, but powerful and cheap,
slave nodes in LIN bus systems. LIN-SBC is designed to handle the low speed data communica-
tion in vehicles, for example, in convenience electronics. Improved slope control at the LIN driver
ensures secure data communication up to 20 kBaud. The bus output is capable of withstanding
60V. Sleep Mode and Silent Mode guarantee a very low current consumption.


Similar Part No. - ATA6603-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6603-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com