Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26L-8PI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATTINY26L-8PI
Description  8-bit Microcontroller with 2K Bytes Flash
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26L-8PI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATTINY26L-8PI Datasheet HTML 1Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 2Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 3Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 4Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 5Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 6Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 7Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 8Page - ATMEL Corporation ATTINY26L-8PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 185 page
background image
5
ATtiny26(L)
1477I–AVR–10/06
Pin Descriptions
VCC
Digital supply voltage pin.
GND
Digital ground pin.
AVCC
AVCC is the supply voltage pin for Port A and the A/D Converter (ADC). It should be
externally connected to V
CC, even if the ADC is not used. If the ADC is used, it should be
connected to V
CC through a low-pass filter. See page 96 for details on operating of the
ADC.
Port A (PA7..PA0)
Port A is an 8-bit general purpose I/O port. PA7..PA0 are all I/O pins that can provide
internal pull-ups (selected for each bit). Port A has alternate functions as analog inputs
for the ADC and analog comparator and pin change interrupt as described in “Alternate
Port Functions” on page 48.
Port B (PB7..PB0)
Port B is an 8-bit general purpose I/O port. PB6..0 are all I/O pins that can provide inter-
nal pull-ups (selected for each bit). PB7 is an I/O pin if not used as the reset. To use pin
PB7 as an I/O pin, instead of RESET pin, program (“0”) RSTDISBL Fuse. Port B has
alternate functions for the ADC, clocking, timer counters, USI, SPI programming, and
pin change interrupt as described in “Alternate Port Functions” on page 48.
An External Reset is generated by a low level on the PB7/RESET pin. Reset pulses
longer than 50 ns will generate a reset, even if the clock is not running. Shorter pulses
are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.


Similar Part No. - ATTINY26L-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26L-8PI ATMEL-ATTINY26L-8PI Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26L-8PI ATMEL-ATTINY26L-8PI Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26L-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com