Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5674 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5674
Description  MULTILAYER 2-PORT 10 GIGABIT ETHERNET AND HiGig??SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5674 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5674 Datasheet HTML 1Page - Broadcom Corporation. BCM5674 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5674
®
MULTILAYER 2-PORT 10 GIGABIT ETHERNET AND HiGig™ SWITCH
One 10 Gbps IEEE 802.3ae compliant Ethernet port
One HiGig™ port configurable for 10 Gbps speed
Integrated on-chip 512 KB packet buffer memory
Integrated on-chip layer 2/3 tables
Supports wire speed switching for all packet sizes, including
jumbo frames (up to 9 KB)
Supports eight class of service (CoS) queues
Supports advanced packet flow control:
• Head-of-line blocking prevention
• Full-duplex flow control (IEEE 802.3x compatible)
ContentAware™ network processing per port:
• Line rate deep packet classification
• Supports IEEE 802.1p, ToS/DiffServ, rate limiting, policing,
priority tagging, and re-mapping
Provides hardware support for IP multicast and IP multicast
replication
Support for double VLAN tagging with loopback feature
Support for 128 StrataXGS™ devices using module remapping
Supports port mirroring across the stack
Feature parity with BCM5695 multilayer switch
Low power ~4 W
Enables system vendors to build scalable high-performance
switches with 10 Gigabit Ethernet support
Built-in double VLAN tagging enables seamless integration of
enterprise networks and service provider networks.
Provides hardware support for a number of multicast
applications, such as video and audio conferencing, web
training
Multiple classes of service (CoS) enable the switch to prioritize
latency-sensitive applications, such as VoIP and video
applications
Built-in 10 Gigabit Ethernet/XAUI SerDes, in addition to
integrated data and address memory, reduces overall system
cost and design complexity
Broadcom Switch API compatibility enables software reuse
and faster time to market
Small package and low-power enables cost effective and high
performance system design
High performance 10 Gigabit Ethernet multilayer switching
applications targeting the following types of systems:
• Stand-alone systems
• Stackable systems
• Modular chassis systems
• High-end server blades
FE A T UR E S
SU MM AR Y O F B E N E FI TS
TARG ET APPL I CATI O N S
Functional Design of BCM5675-Based 48-Port GE Switch With 2 x 10 GE Ports and Stacking
IPIC
MMU
CMIC
ARL
XPIC
CPU Bus
10 Gbps Ethernet
10 Gbps HiGig™
PCI 66 MHz
I
2C
FFP


Similar Part No. - BCM5674

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670 Datasheet
171Kb / 28P
   A Scalable Approach to Gigabit Ethernet Switch Design
BCM5670 BOARDCOM-BCM5670 Datasheet
129Kb / 2P
   8-PORT, 160 Gbps SWITCH FABRIC
BCM56700 BOARDCOM-BCM56700 Datasheet
172Kb / 2P
   FOUR-PORT 10-GBE/HIGIG MULTILAYER SWITCH
BCM56700 BOARDCOM-BCM56700 Datasheet
130Kb / 2P
   16-PORT, 192-GBPS LOSSLESS SWITCH FABRIC
BCM56700 BOARDCOM-BCM56700 Datasheet
114Kb / 2P
   16-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
More results

Similar Description - BCM5674

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56101 BOARDCOM-BCM56101 Datasheet
639Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
BCM5673 BOARDCOM-BCM5673_03 Datasheet
126Kb / 2P
   10 GIGABIT ETHERNET/HIGIG MULTILAYER SWITCH
BCM56302 BOARDCOM-BCM56302 Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303 BOARDCOM-BCM56303 Datasheet
229Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303B1KEBG BOARDCOM-BCM56303B1KEBG Datasheet
188Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIG??PORTS
BCM56100 BOARDCOM-BCM56100 Datasheet
427Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56301 BOARDCOM-BCM56301 Datasheet
178Kb / 2P
   FOUR 10-GIGABIT ETHERNET/HIGIG PORTS
BCM56102 BOARDCOM-BCM56102 Datasheet
227Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
BCM56800 BOARDCOM-BCM56800 Datasheet
148Kb / 2P
   20-PORT 10-GIGABIT ETHERNET MULTILAYER SWITCH
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
   10-Port Layer 2 Gigabit Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com