Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S52-24AC Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89S52-24AC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24AC Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89S52-24AC Datasheet HTML 8Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 9Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 10Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 11Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 12Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 13Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 14Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 15Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
1919C–MICRO–3/05
AT89S52
10. Timer 2
Timer 2 is a 16-bit Timer/Counter that can operate as either a timer or an event counter. The
type of operation is selected by bit C/T2 in the SFR T2CON (shown in Table 5-2). Timer 2 has
three operating modes: capture, auto-reload (up or down counting), and baud rate generator.
The modes are selected by bits in T2CON, as shown in Table 10-1. Timer 2 consists of two 8-bit
registers, TH2 and TL2. In the Timer function, the TL2 register is incremented every machine
cycle. Since a machine cycle consists of 12 oscillator periods, the count rate is 1/12 of the oscil-
lator frequency.
In the Counter function, the register is incremented in response to a 1-to-0 transition at its corre-
sponding external input pin, T2. In this function, the external input is sampled during S5P2 of
every machine cycle. When the samples show a high in one cycle and a low in the next cycle,
the count is incremented. The new count value appears in the register during S3P1 of the cycle
following the one in which the transition was detected. Since two machine cycles (24 oscillator
periods) are required to recognize a 1-to-0 transition, the maximum count rate is 1/24 of the
oscillator frequency. To ensure that a given level is sampled at least once before it changes, the
level should be held for at least one full machine cycle.
10.1
Capture Mode
In the capture mode, two options are selected by bit EXEN2 in T2CON. If EXEN2 = 0, Timer 2 is
a 16-bit timer or counter which upon overflow sets bit TF2 in T2CON. This bit can then be used
to generate an interrupt. If EXEN2 = 1, Timer 2 performs the same operation, but a 1-to-0 transi-
tion at external input T2EX also causes the current value in TH2 and TL2 to be captured into
RCAP2H and RCAP2L, respectively. In addition, the transition at T2EX causes bit EXF2 in
T2CON to be set. The EXF2 bit, like TF2, can generate an interrupt. The capture mode is illus-
trated in Figure 10-1.
10.2
Auto-reload (Up or Down Counter)
Timer 2 can be programmed to count up or down when configured in its 16-bit auto-reload
mode. This feature is invoked by the DCEN (Down Counter Enable) bit located in the SFR
T2MOD (see Table 10-2). Upon reset, the DCEN bit is set to 0 so that timer 2 will default to
count up. When DCEN is set, Timer 2 can count up or down, depending on the value of the
T2EX pin.
Table 10-1.
Timer 2 Operating Modes
RCLK +TCLK
CP/RL2
TR2
MODE
0
0
1
16-bit Auto-reload
0
1
1
16-bit Capture
1
X
1
Baud Rate Generator
XX
0
(Off)


Similar Part No. - AT89S52-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S52-24AC ATMEL-AT89S52-24AC Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89S52-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com