Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV36B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BYV36B
Description  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BYV36B Datasheet HTML 6Page - NXP Semiconductors BYV36B Datasheet HTML 7Page - NXP Semiconductors BYV36B Datasheet HTML 8Page - NXP Semiconductors BYV36B Datasheet HTML 9Page - NXP Semiconductors BYV36B Datasheet HTML 10Page - NXP Semiconductors BYV36B Datasheet HTML 11Page - NXP Semiconductors BYV36B Datasheet HTML 12Page - NXP Semiconductors BYV36B Datasheet HTML 13Page - NXP Semiconductors BYV36B Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1996 Jul 01
10
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
BYV36F and G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.16 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
02
3
0
1
2
MBD429
1
I
(A)
F(AV)
P
(W)
a = 3
2.5
2 1.57 1.42
Fig.17 Maximum permissible junction temperature
as a function of reverse voltage.
BYV36A to E
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
400
1200
0
MSA857
800
100
V
(V)
R
T j
( C)
o
AB
C
D
E
Fig.18 Maximum permissible junction temperature
as a function of reverse voltage.
BYV36F and G
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
2000
0
MLB599
1000
100
V
(V)
R
T j
( C)
o
FG
Fig.19 Forward current as a function of forward
voltage; maximum values.
BYV36A to C
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
handbook, halfpage
012
VF (V)
3
10
0
8
(A)
IF
MSA863
6
4
2


Similar Part No. - BYV36B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV36B BILIN-BYV36B Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV36B SYNSEMI-BYV36B Datasheet
39Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Gulf Semiconductor
BYV36B GULFSEMI-BYV36B Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.6A
logo
EIC discrete Semiconduc...
BYV36B EIC-BYV36B Datasheet
56Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
BYV36B LUGUANG-BYV36B Datasheet
179Kb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - BYV36B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com