Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64L-8MI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA64L-8MI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64L-8MI Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA64L-8MI Datasheet HTML 1Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 2Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 3Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 4Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 5Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 6Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 7Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 8Page - ATMEL Corporation ATMEGA64L-8MI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 393 page
background image
3
ATmega64(L)
2490L–AVR–10/06
Overview
The ATmega64 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing
powerful instructions in a single clock cycle, the ATmega64 achieves throughputs approaching 1 MIPS per MHz, allowing
the system designer to optimize power consumption versus processing speed.
Block Diagram
Figure 2. Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly
connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction
executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times
faster than conventional CISC microcontrollers.
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORTA
DATA REGISTER
PORTD
TIMING AND
CONTROL
OSCILLATOR
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
USART0
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTE DRIVERS
PORTA DRIVERS
PORTF DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PE0 - PE7
PA0 - PA7
PF0 - PF7
RESET
VCC
GND
AREF
XTAL1
XTAL2
CONTROL
LINES
PC0 - PC7
8-BIT DATA BUS
AVCC
USART1
CALIB. OSC
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
PEN
BOUNDARY-
SCAN
DATA DIR.
REG. PORTF
DATA REGISTER
PORTF
ADC
PD0 - PD7
DATA DIR.
REG. PORTG
DATA REG.
PORTG
PORTG DRIVERS
PG0 - PG4
2-WIRE SERIAL
INTERFACE


Similar Part No. - ATMEGA64L-8MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64L-8MI ATMEL-ATMEGA64L-8MI Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA64L-8MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com