Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC162836DLRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ALVC162836DLRG4
Description  20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVC162836DLRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74ALVC162836DLRG4 Datasheet HTML 1Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVC162836DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OE
Y1
Y2
GND
Y3
Y4
VCC
Y5
Y6
Y7
GND
Y8
Y9
Y10
Y11
Y12
Y13
GND
Y14
Y15
Y16
VCC
Y17
Y18
GND
Y19
Y20
NC
CLK
A1
A2
GND
A3
A4
VCC
A5
A6
A7
GND
A8
A9
A10
A11
A12
A13
GND
A14
A15
A16
VCC
A17
A18
GND
A19
A20
LE
NC − No internal connection
SN74ALVC162836
20-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES129E – MARCH 1998 – REVISED OCTOBER 2004
Member of the Texas Instruments Widebus™
Family
Operates From 1.65 V to 3.6 V
Max tpd of 4 ns at 3.3 V
±12-mA Output Drive at 3.3 V
Output Port Has Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
Designed to Comply With JEDEC 168-Pin and
200-Pin SDRAM Buffered DIMM Specification
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 20-bit universal bus driver is designed for 1.65-V
to 3.6-V VCC operation.
Data
flow
from
A
to
Y
is
controlled
by
the
output-enable (OE) input. The device operates in the
transparent mode when the latch-enable (LE) input is
low. When LE is high, the A data is latched if the
clock (CLK) input is held at a high or low logic level. If
LE is high, the A data is stored in the latch/flip-flop on
the low-to-high transition of CLK. When OE is high,
the outputs are in the high-impedance state.
The output port includes equivalent 26-
Ω series
resistors to reduce overshoot and undershoot.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVC162836DL
SSOP - DL
ALVC162836
Tape and reel
SN74ALVC162836DLR
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVC162836DGGR
ALVC162836
TVSOP - DGV
Tape and reel
SN74ALVC162836DGVR
VC2836
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74ALVC162836DLRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results

Similar Description - 74ALVC162836DLRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com