Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM3420 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3420
Description  AVC/MPEG-2/VC-1 HD DECODE/SD DISPLAY SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3420 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3420 Datasheet HTML 1Page - Broadcom Corporation. BCM3420 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OVERVIEW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
7452-PB00-R
12/20/06
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among
the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries
and/or the EU. Any other trademarks or trade names mentioned are the property of their respective
owners.
BCM7452 Block Diagram
The BCM7452 is a high-definition satellite, cable, and IP set-top box DVR
solution offering integrated AVC (H.264/MPEG-4 Part 10), MPEG-4 Part 2,
MPEG-2, DivX (3.11, 4.11, 5x), and VC-1 video decoding technology. It
combines a data transport processor, high-definition/standard-definition
AVC/MPEG-2/VC-1 video decoder, advanced-audio decoder, 2D graphics
processing, high-quality video scaling and motion adaptive deinterlacing, six
video DACs, stereo high-fidelity audio DACs, a MIPS32/MIPS16e™ class
CPU, and a peripheral control unit providing a variety of set-top box control
functions.
The MPEG-2 DVB-compliant transport stream/PES parser and
demultiplexer is capable of simultaneously processing 256 PIDs via 128 PID
channels in up to five independent external transport stream inputs and two
internal playback channels. All 128 PID channels can be used by the record,
audio, and video interface engine (RAVE), PCR processing, message filter,
and for output via the high-speed transport or remux module. The data
transport module can be configured to support eight record channels for PVR
functionality and six AV channels to interface to audio and video decoders.
The transport provides 1DES/3DES/DVB/Multi2/AES descrambling
support. A memory-to-memory DMA security module may be programmed
for supporting AES/1DES/3DES/CSS/CPRM/CPPM/DTCP copy protection
algorithms/standards. The BCM7452 features the Broadcom secure
processor providing secure key generation, management, and protection.
An advanced video decoder is featured in the BCM7452 capable of
supporting high-definition AVC, VC-1, and MPEG-2 streams. AVC support
is for main- and high-profile to level 4.1 for 720p and 1080i high-definition
decode support or to level 3.1 for standard definition streams. AVC high
profile was added to the fidelity range extensions specifically to address the
needs of consumer broadcast and playback applications.
Tools include additional transform sizes and spatial prediction modes and
support for adaptive quantization matrix. The video decoder also supports
high-definition VC-1 (advanced-profile level 3, main, and simple profiles)
and MPEG-2, main profile at main and high levels. The BCM7452 has an
advanced audio processor capable of decoding Dolby Digital, Dolby Digital
Plus, AAC 5.1, AAC+ level 2, and MPEG 1 layers 1, 2, and 3 with
simultaneous pass-through support. 3D SRS audio is also supported.
Available audio outputs are I2S, SPDIF, and one pair of analog outputs.
High-quality video and graphics processing is integrated, featuring advanced
studio quality 2D graphics processing. Also included are motion-adaptive
deinterlacing with 3:2 pulldown, and letterbox detection. Digital noise
reduction minimizes mosquito noise and MPEG artifacts, including block
noise.
The BCM7452 has a dual-stream analog video encoder with Macrovision
that supports the following output standards: NTSC-M, NTSC-J, PAL-
BDGHIN, PAL-M, and PAL-Nc. The following output formats are
supported: composite, S-Video, SCART, RGB, and YPrPb component. The
following output resolutions are supported: 480i, 480p, 576i, and 576p. Six
output video DACs are available to be shared among the output functions.
The BCM7452 also supports output over an HDMI interface. An ITU-R-656
output port is also available with teletext sideband.
The BCM7452 incorporates a complete MIPS32™-based microprocessor
subsystem, including caches with bridging to memory and a local bus.
Integrated peripherals include three UARTS, two ISO7816 smart card
interfaces, counter/timers, a GPIO, a LED/keypad controller, IR receivers, an
IR blaster, an integrated soft modem system side device, and BSC and SPI
controllers. Advanced connectivity features include two USB 2.0/1.1 ports,
an additional independent USB 1.1 port, and an Ethernet port with MAC with
integrated PHY and alternate media independent interface (MII).
Dual
Composite
NTSC/PAL
VEC with 6
DACs
300-MHz
MIPS32/16e
32KI and 32KD
MMU, 4K RAC
PCM
Audio
Engine
and
DACs
Bus Bridge
DRAM Controller
RMX
x2
ISO7816 I/F
x2
ITU-R-656
Decoder
USB 2.0 x2
USB 1.1
I2S In
Secure Processor
O
T
P
R
O
M
Soft Modem,
Si305X,
Ethernet
10/100BASE-T
Video
- Scalers
- Compositors
- Digital noise
reduction
- Delinterlacing
IR RX
Triple
UARTs
DMA
USB
1.1
Advanced
2D Graphics
Display
Engine
Multiformat
Audio
Processor
HD/SD
AVC/MPEG-2/
MPEG-4/DivX
Video Decoder
IR In x2
IR TX
IR Out
GPIO
GPIO
L
R
SPDIF
I2S Out
SD Video
ITU-R-656/TTX
HDMI
Gateway
Services
SCARD
MCARD
ITU-R-656
PCI 2.2 and Flash
64-bit
DDR-SDRAM
BSC
BSC x4
UARTx3
Dual
USB
2.0
Dual
PVR
Engine
w/Trick
Modes
MPEG-2/DVB Transport
Transport
Input x5
DCAS


Similar Part No. - BCM3420

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3420 BOARDCOM-BCM3420 Datasheet
305Kb / 2P
   AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
BCM3420 BOARDCOM-BCM3420 Datasheet
314Kb / 2P
   AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, AND CABLE
More results

Similar Description - BCM3420

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7401 BOARDCOM-BCM7401 Datasheet
305Kb / 2P
   AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
BCM7401ZKPB3G BOARDCOM-BCM7401ZKPB3G Datasheet
318Kb / 2P
   AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
BCM7402 BOARDCOM-BCM7402 Datasheet
314Kb / 2P
   AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, AND CABLE
BCM7405 BOARDCOM-BCM7405 Datasheet
197Kb / 2P
   MULTI-FORMAT HD DIGITAL VIDEO/AUDIO SOC FOR SATELLITE, IP, AND CABLE DVR SET-TOP BOX, WITH WATCH-AND-RECORD DVR
BCM7038 BOARDCOM-BCM7038 Datasheet
392Kb / 1P
   DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
   Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
logo
Broadcom Corporation.
BCM7412 BOARDCOM-BCM7412 Datasheet
233Kb / 2P
   AVC/VC-1/MPEG HIGH-DEFINITION DECODER
logo
STMicroelectronics
STB7109 STMICROELECTRONICS-STB7109 Datasheet
107Kb / 2P
   High definition AVC, VC-1 and MPEG-2 decoder with advanced security and connectivity
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
logo
Synaptics Incorporated.
CX2427X CONEXANT-CX2427X Datasheet
261Kb / 2P
   Dual Decode HDTV MPEG-2/H.264/VC-1 Video Decoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com