Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB325 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB325 Datasheet HTML 1Page - ATMEL Corporation AT43USB325 Datasheet HTML 2Page - ATMEL Corporation AT43USB325 Datasheet HTML 3Page - ATMEL Corporation AT43USB325 Datasheet HTML 4Page - ATMEL Corporation AT43USB325 Datasheet HTML 5Page - ATMEL Corporation AT43USB325 Datasheet HTML 6Page - ATMEL Corporation AT43USB325 Datasheet HTML 7Page - ATMEL Corporation AT43USB325 Datasheet HTML 8Page - ATMEL Corporation AT43USB325 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
Features
AVR® 8-bit RISC Microcontroller with 83 ns Instruction Cycle Time
USB Hub with One Attached and Four External Ports
USB Keyboard Function with Four Programmable Endpoints
16 KB Program Memory, 512-Byte Data SRAM
32 x 8 General-purpose Working Registers
42 Programmable I/O Port Pins
Support for 20 x 8 Keyboard Matrix
Keyboard Scan Inputs with Pull-up Resistor
Four LED Driver Outputs
One 8-bit Timer/Counter with Separate Pre-scaler
One 16-bit Timer/Counter with Separate Pre-scaler and Dual 8-, 9- or 10-bit PWM
External and Internal Interrupt Sources
Programmable Watchdog Timer
6-MHz Oscillator with On-chip PLL
5V Operation with On-chip 3.3V Power Supply
64-lead LQFP Package
1.
Description
The Atmel AT43USB325 is an 8-bit microcontroller based on the AVR RISC architec-
ture. By executing powerful instructions in a single clock cycle, the AT43USB325
achieves throughputs approaching 12 MIPS. The AVR core combines a rich instruc-
tion set with 32 general-purpose working registers. All 32 registers are directly
connected to the ALU allowing two independent registers to be accessed in one single
instruction executed in one clock cycle. The resulting architecture is more code effi-
cient while achieving throughputs up to ten times faster than conventional CISC
microcontrollers.
The AT43USB325 features an on-chip 16-Kbyte program memory and
512 bytes of data memory. It is supported by a standard set of peripherals such as
timer/counter modules, watchdog timer and internal and external interrupt sources.
The major peripheral included in the AT43USB325 is the USB Hub with an embedded
function and GPIO ports designed for use in a keyboard controller. The embedded
function has 4 endpoints that makes the AT43USB325 extremely suitable for key-
boards supporting the consumer page as described in the “USB Usage Tables”.
Th e AT43USB325 come s in t w o ve rsions. Th e pr ogr a m mem o ry of th e
AT43USB325E is an SRAM that is automatically written from an external serial
EEPROM during power on. The AT43USB325M has a masked ROM program mem-
ory. The two versions are pin, function and binary compatible.
Multimedia
USB Keyboard
Controller with
Embedded Hub
AT43USB325
3355C–USB–4/05


Similar Part No. - AT43USB325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325 Datasheet
36Kb / 2P
   Missed Watchdog Timer Reset
More results

Similar Description - AT43USB325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB326 ATMEL-AT43USB326_06 Datasheet
1Mb / 102P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
List of Unclassifed Man...
AU9432 ETC2-AU9432_05 Datasheet
252Kb / 28P
   Multimedia USB Keyboard Hub
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
logo
Winbond
W81282F WINBOND-W81282F Datasheet
175Kb / 18P
   USB Keyboard Controller with 4 Ports Hub
logo
List of Unclassifed Man...
GL651USB ETC-GL651USB Datasheet
156Kb / 16P
   2-PORT USB KEYBOARD HUB CONTROLLER
AU9432R2 ETC2-AU9432R2 Datasheet
447Kb / 31P
   Multimedia USB Keyboard Hu
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
AU9472R2 ETC1-AU9472R2 Datasheet
447Kb / 31P
   Integrated USB Keyboard and 2 Port Hub Controller Chip
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com